Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N26323AE Datasheet(PDF) 22 Page - Samsung semiconductor

Part # K4N26323AE
Description  128Mbit GDDR2 SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N26323AE Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button K4N26323AE Datasheet HTML 18Page - Samsung semiconductor K4N26323AE Datasheet HTML 19Page - Samsung semiconductor K4N26323AE Datasheet HTML 20Page - Samsung semiconductor K4N26323AE Datasheet HTML 21Page - Samsung semiconductor K4N26323AE Datasheet HTML 22Page - Samsung semiconductor K4N26323AE Datasheet HTML 23Page - Samsung semiconductor K4N26323AE Datasheet HTML 24Page - Samsung semiconductor K4N26323AE Datasheet HTML 25Page - Samsung semiconductor K4N26323AE Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
- 22 -
Rev. 1.7 (Jan. 2003)
128M GDDR2 SDRAM
K4N26323AE-GC
Auto-Precharge Operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the Precharge
Command or the auto-precharge function. When a Read or a Write Command is given to the GDDR2 SDRAM, the CAS
timing accepts one extra address, column address A8, to allow the active bank to automatically begin precharge at the
earliest possible moment during the burst read or write cycle. If A8 is low when the READ or WRITE Command is
issued, then normal Read or Write burst operation is executed and the bank remains active at the completion of the
burst sequence. If A8 is high when the Read or Write Command is issued, then the auto-precharge function is engaged.
This feature allows the precharge operation to be partially or completely hidden during burst read cycles (dependent
upon CAS latency) thus improving system performance for random data access. The RAS lockout circuit internally
delays the Precharge operation until the array restore operation has been completed so that the auto precharge com-
mand may be issued with any read or write command.
Auto-precharge also be implemented during Write commands. The precharge operation engaged by the Auto precharge
command will not begin until the last data of the burst write sequence is properly stored in the memory array.
The DDR SDRAM has a Data mask function that can be used in conjunction with data Write cycle only, not Read cycle.
When the Data Mask is activated (DM high) during write operation the write data is masked immediately (DM to Data-mask
Latency is zero).
DM must be issued at the rising edge or the falling edge of Data Strobe instead of a clock edge.
DM FUNCTION
DM
masked by DM=H
CMD
NOP
NOP
NOP
NOP
NOP
NOP
DQ’s
NOP
CK, CK
02
1
345
6
9
WRITE A
Posted CAS
Precharge A
tWR = 5
DINA0
DINA2
DINA3
DQS
DINA1
WL = 2


Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com