Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N26323AE Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4N26323AE
Description  128Mbit GDDR2 SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N26323AE Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4N26323AE Datasheet HTML 7Page - Samsung semiconductor K4N26323AE Datasheet HTML 8Page - Samsung semiconductor K4N26323AE Datasheet HTML 9Page - Samsung semiconductor K4N26323AE Datasheet HTML 10Page - Samsung semiconductor K4N26323AE Datasheet HTML 11Page - Samsung semiconductor K4N26323AE Datasheet HTML 12Page - Samsung semiconductor K4N26323AE Datasheet HTML 13Page - Samsung semiconductor K4N26323AE Datasheet HTML 14Page - Samsung semiconductor K4N26323AE Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
- 11 -
Rev. 1.7 (Jan. 2003)
128M GDDR2 SDRAM
K4N26323AE-GC
0
The mode register stores the data for controlling the various operating modes of GDDR2 SDRAM. It programs CAS
latency, addressing mode, test mode and various vendor specific options to make GDDR2 SDRAM useful for variety of dif-
ferent applications. The default value of the mode register is not defined, therefore the mode register must be written after
EMRS setting for proper operation. The mode register is written by asserting low on CS, RAS, CAS and WE (The GDDR2
SDRAM should be in active mode with CKE already high prior to writing into the mode register). The state of address pins
A0 ~ A11 and BA0, BA1 in the same cycle as CS, RAS, CAS and WE going low is written in the mode register. Minimum
four clock cycles are requested to complete the write operation in the mode register. The mode register contents can be
changed using the same command and clock cycle requirements during operation as long as all banks are in the idle state.
The mode register is divided into various fields depending on functionality. The burst length uses A0 ~ A2, addressing
mode uses A3, CAS latency (read latency from column address) uses A4 ~ A6. A7 is used for test mode. A9 ~ A11 are
used for tWR. Refer to the table for specific codes for various addressing modes and CAS latencies.
MODE REGISTER SET(MRS)
Address Bus
Mode Register
CAS Latency
A6
A5
A4
Latency
00
0
Reserved
0
0
1
Reserved
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Reserved
10
1
5
11
0
6
11
1
7
tWR
A11
A10
A9
MRS Select
0
0
0
Reserved
0
0
1
Reserved
01
0
3
01
1
4
10
0
5
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
*1. BL 4, Sequential Only
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
0tWR
0
TM
CAS Latency
BT
Burst Length
Test Mode
A7
mode
0
Normal
1Test
Burst Length
A2
A1
A0
Burst Length
01
0
4
Burst Type
A3
Burst Type
0
Sequential
BA0
An ~ A0
0MRS
1EMRS
*
*1


Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com