Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N26323AE Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4N26323AE
Description  128Mbit GDDR2 SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N26323AE Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4N26323AE Datasheet HTML 3Page - Samsung semiconductor K4N26323AE Datasheet HTML 4Page - Samsung semiconductor K4N26323AE Datasheet HTML 5Page - Samsung semiconductor K4N26323AE Datasheet HTML 6Page - Samsung semiconductor K4N26323AE Datasheet HTML 7Page - Samsung semiconductor K4N26323AE Datasheet HTML 8Page - Samsung semiconductor K4N26323AE Datasheet HTML 9Page - Samsung semiconductor K4N26323AE Datasheet HTML 10Page - Samsung semiconductor K4N26323AE Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
- 7 -
Rev. 1.7 (Jan. 2003)
128M GDDR2 SDRAM
K4N26323AE-GC
INPUT/OUTPUT FUNCTIONAL DESCRIPTION
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. CMD, ADD inputs are sampled on the crossing of the positive
edge of CK and negative edge of CK. Output (read) data is referenced to the crossings of CK and CK (both direc-
tions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and device input buffers
and output drivers. Taking CKE Low provides Precharge Power-Down and Self Refresh operation (all banks idle),
or Active Power-Down (row Active in any bank). CKE is synchronous for power down entry and exit, and for self
refresh entry. CKE is asynchronous for self refresh exit. CKE must be maintained high throughout read and write
accesses. Input buffers, excluding CK, CK and CKE are disabled during power-down. Input buffers, excluding
CKE, are disabled during self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS provides for external bank selection on
systems with multiple banks. CS is considered part of the command code.
RAS,
CAS,
WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM0
~DM3
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is sampled HIGH
coincident with that input data during a Write access. DM is sampled on both edges of clock. Although DM pins
are input only, the DM loading matches the DQ and DQS loading.
BA0,
BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an Active, Read, Write or Precharge command is
being applied. BA0 also determines if the mode register or extended mode register is to be accessed during a
MRS or EMRS cycle.
A0 -
A11
Input
Address Inputs: Provided the row address for Active commands and the column address and Auto Precharge bit
for Read/Write commands to select one location out of the memory array in the respective bank. A8 is sampled
during a Precharge command to determine whether the Precharge applies to one bank (A8 LOW) or all banks (A8
HIGH). If only one bank is to be precharged, the bank is selected by BA0, BA1. The address inputs also provide
the op-code during Mode Register Set commands.
DQ
Input/
Output
Data Input/ Output: Bi-directional data bus.
DQS0~
DQS3
DQS0~
DQS3
Input/
Output
Data Strobe: output with read data, input with write data for source synchronous operation.Edge-aligned with
read data, centered in write data.
DQS Scheme
Differential DQS per byte
DQS0, DQS0
DQS0 for DQ0-DQ7
DQS1, DQS1
DQS1 for DQ8-DQ15
DQS2, DQS2
DQS2 for DQ16-DQ23
DQS3, DQS3
DQS3 for DQ24-DQ31
NC/
RFU
No Connect: No internal electrical connection is present.
VDDQ
Supply DQ Power Supply: 1.8V ± 0.1V
VSSQ
Supply DQ Ground
VDD
Supply Power Supply: 2.5V ± 0.1V
VSS
Supply Ground
VREF
Supply
Reference voltage: half Vddq ,
2 Pins : (M,2) for Data input , (M,13) for CMD and ADDRESS
ZQ
input
Resistor connection pin for On-die termination.
The value of Resistor = 2 X (target value (Rterm) of termination resistance of DQ pin of each chip)


Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
512Mbit gDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
256Mbit gDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com