Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N26323AE Datasheet(PDF) 52 Page - Samsung semiconductor

Part # K4N26323AE
Description  128Mbit GDDR2 SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N26323AE Datasheet(HTML) 52 Page - Samsung semiconductor

Back Button K4N26323AE Datasheet HTML 44Page - Samsung semiconductor K4N26323AE Datasheet HTML 45Page - Samsung semiconductor K4N26323AE Datasheet HTML 46Page - Samsung semiconductor K4N26323AE Datasheet HTML 47Page - Samsung semiconductor K4N26323AE Datasheet HTML 48Page - Samsung semiconductor K4N26323AE Datasheet HTML 49Page - Samsung semiconductor K4N26323AE Datasheet HTML 50Page - Samsung semiconductor K4N26323AE Datasheet HTML 51Page - Samsung semiconductor K4N26323AE Datasheet HTML 52Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
- 52 -
Rev. 1.7 (Jan. 2003)
128M GDDR2 SDRAM
K4N26323AE-GC
Temperature (Tj)
Typical
50
°C
Minimum
100
°C
Maximum
0
°C
Vdd/Vddq
Typical
2.5V
Minimum
2.4V
Maximum
2.6V
The above characteristics are specified under best, worst and normal process variation/conditions
Pulldown Current (mA)
Pullup Current (mA)
Voltage (V)
Typical
Minimum
Maximum
Typical
Minimum
Maximum
0.0
-7.3
-5.8
-8.7
7.6
6.1
9.2
0.1
-4.5
-3.7
-4.9
5.2
4.3
6.1
0.2
-2.0
-1.9
-1.4
2.9
2.7
3.2
0.3
0.3
-0.2
1.6
0.8
1.1
0.5
0.4
2.3
1.2
4.3
-1.1
-0.3
-2.1
0.5
4.1
2.5
6.7
-2.9
-1.6
-4.4
0.6
5.6
3.6
8.7
-4.5
-2.8
-6.5
0.7
6.9
4.6
10.4
-5.9
-3.9
-8.3
0.8
8.0
5.5
11.7
-7.1
-4.9
-9.9
0.9
9.0
6.3
12.9
-8.3
-5.9
-11.3
1.0
9.9
7.0
14.0
-9.4
-6.8
-12.6
1.1
10.8
7.8
15.1
-10.5
-7.6
-13.9
1.2
11.7
8.5
16.1
-11.5
-8.5
-15.1
1.3
12.6
9.3
17.1
-12.5
-9.3
-16.3
1.4
13.5
10.0
18.1
-13.5
-10.1
-17.4
1.5
14.2
10.7
19.1
-14.5
-10.9
-18.5
1.6
15.2
11.4
20.1
-15.5
-11.7
-19.7
1.7
16.1
12.1
21.1
-16.4
-12.5
-20.8
1.8
16.9
12.8
22.1
-17.4
-13.3
-21.0
1.9
17.8
13.6
23.1
-18.3
-14.1
-23.0


Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com