Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N26323AE Datasheet(PDF) 44 Page - Samsung semiconductor

Part # K4N26323AE
Description  128Mbit GDDR2 SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N26323AE Datasheet(HTML) 44 Page - Samsung semiconductor

Back Button K4N26323AE Datasheet HTML 40Page - Samsung semiconductor K4N26323AE Datasheet HTML 41Page - Samsung semiconductor K4N26323AE Datasheet HTML 42Page - Samsung semiconductor K4N26323AE Datasheet HTML 43Page - Samsung semiconductor K4N26323AE Datasheet HTML 44Page - Samsung semiconductor K4N26323AE Datasheet HTML 45Page - Samsung semiconductor K4N26323AE Datasheet HTML 46Page - Samsung semiconductor K4N26323AE Datasheet HTML 47Page - Samsung semiconductor K4N26323AE Datasheet HTML 48Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
- 44 -
Rev. 1.7 (Jan. 2003)
128M GDDR2 SDRAM
K4N26323AE-GC
Temperature (Tj)
Typical
50
°C
Minimum
100
°C
Maximum
0
°C
Vdd/Vddq
Typical
2.5V
Minimum
2.4V
Maximum
2.6V
The above characteristics are specified under best, worst and normal process variation/conditions
Pulldown Current (mA)
Pullup Current (mA)
Voltage (V)
Typical
Minimum
Maximum
Typical
Minimum
Maximum
0.0
-7.2
-5.8
-8.6
7.6
6.1
9.1
0.1
-2.1
-2.1
-1.4
3.1
2.9
3.4
0.2
2.5
1.1
5.0
-0.9
0.1
-2.0
0.3
6.4
3.9
10.6
-4.6
-2.5
-6.9
0.4
9.8
6.3
15.4
-7.9
-4.9
-11.5
0.5
12.7
8.3
19.5
-10.8
-6.9
-15.5
0.6
15.1
9.9
22.8
-13.4
-8.8
-19.1
0.7
16.9
11.2
25.3
-15.5
-10.3
-21.9
0.8
18.3
12.2
27.2
-17.3
-11.7
-24.3
0.9
19.5
13.1
28.7
-18.9
-12.9
-26.3
1.0
20.6
14.0
30.0
-20.4
-14.1
-28.1
1.1
21.6
14.8
31.2
-21.7
-15.2
-29.7
1.2
22.6
15.6
32.3
-23.0
-16.2
-31.3
1.3
23.5
16.4
33.4
-24.2
-17.2
-32.7
1.4
24.5
17.1
34.5
-25.4
-18.1
-34.2
1.5
25.4
17.9
35.5
-26.6
-19.1
-35.5
1.6
26.3
18.6
36.5
-27.7
-20.0
-36.9
1.7
27.1
19.4
37.6
-28.8
-20.9
-38.2
1.8
28.0
20.1
38.6
-29.9
-21.8
-39.5
1.9
28.9
20.9
39.6
-31.0
-22.7
-40.7


Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com