Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N26323AE Datasheet(PDF) 41 Page - Samsung semiconductor

Part # K4N26323AE
Description  128Mbit GDDR2 SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N26323AE Datasheet(HTML) 41 Page - Samsung semiconductor

Back Button K4N26323AE Datasheet HTML 37Page - Samsung semiconductor K4N26323AE Datasheet HTML 38Page - Samsung semiconductor K4N26323AE Datasheet HTML 39Page - Samsung semiconductor K4N26323AE Datasheet HTML 40Page - Samsung semiconductor K4N26323AE Datasheet HTML 41Page - Samsung semiconductor K4N26323AE Datasheet HTML 42Page - Samsung semiconductor K4N26323AE Datasheet HTML 43Page - Samsung semiconductor K4N26323AE Datasheet HTML 44Page - Samsung semiconductor K4N26323AE Datasheet HTML 45Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
- 41 -
Rev. 1.7 (Jan. 2003)
128M GDDR2 SDRAM
K4N26323AE-GC
1. The typical pulldown V-I curve for DDR SDRAM devices will be within the inner bounding lines of the V-I curve of Figure a.
2. The 30 ohm@ODT 60 ohm Fix variation in driver pulldown current from minimum to maximum process, temperature and voltage
will lie within the outer bounding lines the of the V-I curve of Figure a.
3. The typical pullup V-I curve for DDR SDRAM devices will be within the inner bounding lines of the V-I curve of below Figure b.
4. The 30 ohm@ODT 60 ohm Fix variation pullup current from minimum to maximum process, temperature and voltage will lie
within the outer bounding lines of the V-I curve of Figrue b.
5. The 30 ohm@ODT 60 ohm fix variation in the ratio of the maximum to minimum pullup and pulldown current will not exceed 1.7, for
device drain to source voltage from 0 to VDDQ/2
6. The 30 ohm@ODT 60 ohm fix variation in the ratio of the nominal pullup to pulldown current should be unity ±10%, for device drain
to source voltages from 0 to VDDQ/2
30 ohm Driver @ ODT 60 ohm Fix.
Maximum
Typical
Minumum
Vout(V)
Minimum
Typical
Maximum
Figure b : PulluP Charateristics
Figure a : Pulldown Charateristics
Vout(V)
-20
-10
0
10
20
30
40
50
60
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9
-60
-50
-40
-30
-20
-10
0
10
20
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9


Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com