Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5N-BW3 Datasheet(PDF) 1 Page - Mini-Circuits

Part # K5N-BW3
Description  FIXED ATTENUATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K5N-BW3 Datasheet(HTML) 1 Page - Mini-Circuits

  K5N-BW3 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FIXED ATTENUATORS
Designer's Kit K5N-BW3+
RF/IF & MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
19900
Model
Frequency
Attenuation1
VSWR
2 (:1)
Input Power3
( GHz )
(dB)
(W )
DC-4 GHz 4-8 GHz 8-12.4 GHz
fL-fU
Nominal
Accuracy
Max.
Max.
Max.
Max.
BW-N3W5+
DC - 18
3
±0.40
1.20
1.25
1.30
5
BW-N6W5+
DC - 18
6
±0.40
1.20
1.25
1.30
5
BW-N10W5+
DC - 18
10
±0.60
1.20
1.25
1.30
5
$
Kit K5N-BW3+ Electrical specifications of each model
ea. kit (3 dB, 6 dB Qty.1ea.) (10 dB Qty.2) 4 total
1. At 25ºC, accuracy includes frequency and power variations. Temperature coefficient for attention .0004 dB/dB/Cº typ.
2. VSWR from 12.4 to 18 GHz, 1.6:1 typ.
3. Average power at 25ºC ambient, derate linearly to 2 W at 100ºC. Peak power 125 W max. 5µsec pulse width, 100 Hz PRF.
DC to 18 GHz
BW-NXW5+ Features
Wideband, 50
3,6 and 10 dB precision attenuation
Input power 5 W max.
Excellent VSWR, 1.25:1 typ.
Stainless steel Type-N Male & Female connectors
Length 1.90"
o S
COMPLIANT
All models are
RoHS compliant
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
REV. A
M110332
K5N-BW3+


Similar Part No. - K5N-BW3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K5N1229ACD-BQ12 SAMSUNG-K5N1229ACD-BQ12 Datasheet
2Mb / 128P
512Mb (32M x16) Muxed Burst, Multi Bank SLC NOR Flash
More results

Similar Description - K5N-BW3

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
Fixed Attenuators
logo
Mini-Circuits
K1-VAT2 MINI-K1-VAT2 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
FIXED ATTENUATORS
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
FIXED ATTENUATORS
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
Fixed Attenuators
REV. OR
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
Fixed Attenuators
REV. OR
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com