Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2-BW1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # K2-BW1
Description  FIXED ATTENUATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K2-BW1 Datasheet(HTML) 1 Page - Mini-Circuits

  K2-BW1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
FIXED ATTENUATORS
Designer's Kit K2-BW1+
RF/IF & MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
15000
Model
Frequency
Attenuation1
VSWR
2 (:1)
Input Power3
(GHz)
(dB)
(W)
DC-4 GHz 4-8 GHz 8-12.4 GHz
fL
fU
Nominal
Accuracy
Max.
Max.
Max.
Max.
BW-S3W2+
DC - 18
3
±0.40
1.20
1.25
1.30
2
BW-S6W2+
DC - 18
6
±0.40
1.20
1.25
1.30
2
BW-S10W2+
DC - 18
10
±0.60
1.20
1.25
1.30
2
$
Kit K2-BW1+ Electrical specifications of each model
ea. kit ( 3 models, 2 of each,6 total )
1. At 25ºC, accuracy includes frequency and power variations. Temperature coefficient for attention .0004 dB/dB/Cº typ.
2. VSWR from 12.4 to 18 GHz, 1.6:1 typ.
3. Average power at 25ºC ambient, derate linearly to 0.5 W at 100ºC. Peak power 125 W max. 5µsec pulse width, 100 Hz PRF.
DC to 18 GHz
BW-SXW2+ Features
2 W input power, 50
3, 6, and 10 dB attenuators
Precision attenuation
Very broad band
Excellent VSWR, 1.25:1 typ.
Stainless steel SMA male & female connectors
Length 0.85"
o S
COMPLIANT
All models are RoHS compliant
REV. A
M110332
K2-BW1+


Similar Part No. - K2-BW1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
More results

Similar Description - K2-BW1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
Fixed Attenuators
logo
Mini-Circuits
K1-VAT2 MINI-K1-VAT2 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
FIXED ATTENUATORS
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
Fixed Attenuators
REV. OR
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
Fixed Attenuators
REV. OR
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com