Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1-VAT2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # K1-VAT2
Description  FIXED ATTENUATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K1-VAT2 Datasheet(HTML) 1 Page - Mini-Circuits

  K1-VAT2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FIXED ATTENUATORS
Designer's Kit K1-VAT2+
only
6195
$
Kit K1-VAT2+ Electrical specifications of each model
ea. kit (5 models, 1 of each,5 total )
Model
Frequency
Attenuation2
VSWR
Input
( GHz )
( dB )
(:1)
Power
Flatness1
(W )
DC-3 GHz 3-5 GHz 5-6 GHz DC-6 GHz
DC-3 GHz
3-5 GHz
5-6 GHz
fL-fU
Nom.
Typ.
Typ.
Typ.
Typ.
Typ. Max.
Typ. Max.
Max.
Max.
VAT-3W2+
DC-6
3±0.3
0.20
0.15
0.15
.45
1.05 1.20
1.30 1.40
1.45
2
VAT-6W2+
DC-6
6±0.3
0.20
0.10
0.20
.45
1.10 1.20
1.30 1.45
1.50
2
VAT-10W2+
DC-6
10±0.3
0.10
0.20
0.15
.35
1.15 1.25
1.35 1.60
1.60
2
VAT-20W2+
DC-6
20±0.3
0.50
0.45
0.20
1.05
1.35 1.55
1.70 1.95
1.95
2
VAT-30W2+
DC-6
30±0.3
0.70
0.45
0.20
1.30
1.25 1.35
1.45 1.70
1.60
2
1. Flatness=variation overband divided by 2.
2. Attenuation varies by 0.3 dB max. over temperature.
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
o S
COMPLIANT
All models are
RoHS compliant
RF/IF & MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
ISO 9001 ISO 14001 CERTIFIED
®
DC to 6 GHz
VAT-W2+ Features
Wideband, 50
Input power 2 W max.
3,6,10,20 and 30 dB attenuation
Rugged Unibody construction
SMA Male and Female connectors
Length less than 1.5"
Low cost
REV. A
M110332
K1-VAT2+


Similar Part No. - K1-VAT2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K1-VAT MINI-K1-VAT Datasheet
266Kb / 1P
FIXED ATTENUATORS
K1-VAT-A++ MINI-K1-VAT-A+ Datasheet
213Kb / 1P
Fixed Attenuators
REV. OR
More results

Similar Description - K1-VAT2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
Fixed Attenuators
logo
Mini-Circuits
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
FIXED ATTENUATORS
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
Fixed Attenuators
REV. OR
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
Fixed Attenuators
REV. OR
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com