Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology IDT77105 Datasheet HTML 16Page - Integrated Device Technology IDT77105 Datasheet HTML 17Page - Integrated Device Technology IDT77105 Datasheet HTML 18Page - Integrated Device Technology IDT77105 Datasheet HTML 19Page - Integrated Device Technology IDT77105 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16 of 24
September 11, 2000
IDT77105
Interrupt Status
Interrupt Status
Interrupt Status
Interrupt Status
Address: 0x01
Address: 0x01
Address: 0x01
Address: 0x01
Diagnostic Control
Diagnostic Control
Diagnostic Control
Diagnostic Control
Address: 0x02
Address: 0x02
Address: 0x02
Address: 0x02
Master Type Initial State
Function
Bit 7
Reserved
Bit 6
R
0 = Bad Signal
Good Signal Bit See definition on pages 10 and 11.
1 = Good Signal
0 = Bad Signal
Bit 5
sticky
0
HEC Error
Interrupt sets when a HEC error is detected in a received cell.
Bit 4
sticky
0
"Short Cell" Received
Interrupt signal which flags received cells with fewer than 53 bytes. This condition is detected by the TC receiving Start-of-
Cell command bytes with fewer than 53 bytes between them.
Bit 3
sticky
0
Transmit Parity Error
If Bit 4 of Register 0x00 is set (Transmit Data Parity Check), this interrupt flags a transmit data parity error condition. Odd
parity is used.
Bit 2
sticky
0
Receive signal Condition Change This interrupt is set when the received 'signal' changes either from 'bad to good' or from
'good to bad'.
Bit 1
sticky
0
Received Symbol Error Set on receiving a cell with an undefined symbol.
Bit 0
sticky
0
Receive FIFO Overrun Interrupt sets to indicate when the receive FIFO has overflowed.
Master Type Initial State
Function
Bit 7
R/W
0 = normal
Force TxClav Deassert
Used during the loopback mode to prevent upstream system from continuing to send data to 77105.
Bit 6
R/W
0 = UTOPIA
RxClav Operation Select
The UTOPIA standard dictates that during cell mode operation, if the receive FIFO no longer has a complete cell available
for transfer from PHY, RxClav is deasserted following transfer of the last byte out of the PHY to the upstream system. With
this bit set, early deassertion of this signal will occur at the end of Payload byte 44 (as in octet mode for TxFull). This pro-
vides early indication to the upstream system of this impending condition.
"Standard UTOPIA RxClav" = 0
"Cell mode = Byte mode" = 1
Bit 5
R/W
0 = “multi-PHY”
Single/Multi-PHY Configuration Select
0 = Single-PHY mode: RxData, RxPrty and RxSOC never tri-state
1 = Multi-PHY mode:
RxEnb = 1 then tri-state RxData, RxPrty, RxSOC
Bit 4
R/W
0 = normal
RFLUSH = Clear Receive FIFO
This signal is used to tell the TC to flush (clear) all data in the receive FIFO. The TC signals this completion by clearing this bit.
Bit 3
R/W
0 = normal
Insert Transmit Payload Error
Inserts cell payload errors in transmitted cells. This can be used to test error detection and recovery systems at destination
station, or, under loopback control, the local receiving station. This payload error is generated by flipping bit 0 of the last cell
payload byte.
Bit 2
R/W
0 = normal
Insert Transmit HEC Error
Insert HEC error in Byte 5 of cell. This can be used to test error detection and recovery systems in down-stream switches, or,
under loopback control, the local receiving station. This HEC error is generated by flipping bit 0 of the HEC byte.
Bit 1, 0
R/W
0 = normal
Loopback Control
bit# 1 0
0 0 Normal mode (receive from network)
0 1 Reserved
1 0 PHY Loopback
1 1 Line Loopback


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com