Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 11Page - Integrated Device Technology IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology IDT77105 Datasheet HTML 16Page - Integrated Device Technology IDT77105 Datasheet HTML 17Page - Integrated Device Technology IDT77105 Datasheet HTML 18Page - Integrated Device Technology IDT77105 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15 of 24
September 11, 2000
IDT77105
Figure 14 Multi-PHY Receive Waveform
PHY to Magnetics interface
PHY to Magnetics interface
PHY to Magnetics interface
PHY to Magnetics interface
Figure 21 provides the appropriate connection scheme to the Magnetics Module. The set of values provided will ensure the return Loss specifica-
tion is met.
Status and Control Register List
Status and Control Register List
Status and Control Register List
Status and Control Register List
Nomenclature
R/W = register may be read and written via the utility bus;
R-only or W-only = register may be read-only or write-only via the utility bus;
sticky = register bit is cleared after the register containing it is read.
“0” = ‘cleared’ or ‘not set’
“1” = ‘set’
Master Control Register
Master Control Register
Master Control Register
Master Control Register
Address: 0x00
Address: 0x00
Address: 0x00
Address: 0x00
Master Type Initial State
Function
Bit 7
R/W
0
UPLO
Controls pin 11, User Programmable Output Latch. Note that the polarity of pin 11 is opposite the polarity of this register bit.
Bit 6
R/W
0 = disabled
Discard Receive Error Cells
On receipt of any cell with an error (e.g. short cell, invalid symbol or HEC error (if enabled)), the cell will be discarded before
entering the receive FIFO.
Bit 5
R/W
0 = disabled
Enable Cell Error Interrupts Only
If Bit 0 in this register is set (Interrupts Enabled), setting of this bit enables only ‘Received Cell Error’ to trigger an interrupt.
Received Cell Errors are: short cell, invalid symbol and HEC error.
Bit 4
R/W
0 = disabled
Transmit Data Parity Check
Enable checking of TxData[7:0] parity against TxParity.
Bit 3
R/W
1 = enabled
Discard Received Idle Cells
Enable discarding of received idle (VPI/VCI = 0) cells. There is no indication when such a discard takes place.
Bit 2
R/W
0 = disabled
Halt Tx
Halts transmission of data and forces both TxD+/- signals to a logic low state.
Bit 1
R/W
0 = cell mode
UTOPIA mode select:
0 = cell mode, 1 = byte mode.
Bit 0
R/W
1 = enabled
Enable Interrupt Pin (Interrupt Mask Bit)
Enables interrupt output pin. If cleared, INT (pin 53 is always high. If set, INT will drive low when an interrupt occurs.
RxClk
RxSOC
RxEnb
RxData
H1
H2
P48
X
3445 drw 17
H1
RxClav
X
X
Z
Z


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com