Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 10Page - Integrated Device Technology IDT77105 Datasheet HTML 11Page - Integrated Device Technology IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology IDT77105 Datasheet HTML 16Page - Integrated Device Technology IDT77105 Datasheet HTML 17Page - Integrated Device Technology IDT77105 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14 of 24
September 11, 2000
IDT77105
The TxCell and RxCell counters are sized (16 bits) to provide a full
cell count (without roll over) if the counter is read once/second. The
Symbol Error counter and HEC Error counter were given sufficient size
to indicate exact counts for low error-rate conditions. If these counters
overflow, a gross condition is occurring, where additional counter resolu-
tion does not provide additional diagnostic benefit.
Reading Counters
1. Decide which counter value is desired. Write to register 0x06 to
the bit location corresponding to the desired counter. This loads
the Counter Read registers with the selected counter’s value, and
resets this counter to zero.
Note: Only one counter (Selected bit in 0x06) may be
enabled at any time.
2. Read registers 0x04 (low byte) and 0x05 (high byte) to get the
value.
Further reads may be accomplished in the same manner by first
writing to register 0x06.
Multi-Phy Operation
Multi-Phy Operation
Multi-Phy Operation
Multi-Phy Operation
Multiple 77105's may be connected to a common bus when a multi-
PHY system architecture is needed.
Both Transmit and Receive UTOPIA busses, as well as the utility
bus, can attach to common busses.
Device selection is controlled via the UTOPIA “enable” control
signals: TxEnb and RxEnb. In transmit, TxEnb tells the selected device
that the data and control signals it sees are to be used for ATM cell
transmission. In receive, when RxEnb is deasserted (high), RxData[7:0],
RxParity, and RxSOC are all tri-stated, allowing them to share a
common bus. When RxEnb is asserted, the selected device drives these
outputs, transferring the data to the upstream hardware.
Note that while multiple transmit devices may be selected (e.g. for
multicast) by asserting more than one TxEnb, multiple receive devices
should not be enabled. Also, the output of RxRef is not affected by
RxEnb; the same is also true for TxRef and TxEnb. These must be
routed and/or multiplexed separately.
Figure 12 is an example of connecting multiple PHYs in the transmit
direction. A separate TxEnb and TxClav signal is provided to each
77105 for device select.
Multi-Phy Receive is constructed in the same manner as transmit, in
that each device has dedicated RxEnb and RxClav signals. (See Figure
13).
Figure 12 Multi-PHY: Transmit Example
Figure 13 Multi-PHY Receive Example
"Upstream"
Hardware
77105#1
Magnetics
77105#2
77105#3
77105#4
"UTOPIA Transmit Bus"
-TxData[7:0]
-TxParity
-TxSOC
TxEnb #1
TxEnb #2
TxEnb #3
TxEnb #4
3445 drw 15
Magnetics
Magnetics
Magnetics
2
2
2
2
2
2
2
2
10
10
10
10
10
TxCLAV #1
TxCLAV #2
TxCLAV #3
TxCLAV #4
"Upstream"
Hardware
77105#1
Magnetics
77105#2
77105#3
77105#4
"UTOPIA Receive Bus"
-RxData[7:0]
-RxParity
-RxSOC
RxEnb #1
RxEnb #2
RxEnb #3
RxEnb #4
3445 drw 16
Magnetics
Magnetics
Magnetics
2
2
2
2
2
2
2
2
10
10
10
10
10
RxCLAV #1
RxCLAV #2
RxCLAV #3
RxCLAV #4


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com