Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 9Page - Integrated Device Technology IDT77105 Datasheet HTML 10Page - Integrated Device Technology IDT77105 Datasheet HTML 11Page - Integrated Device Technology IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology IDT77105 Datasheet HTML 16Page - Integrated Device Technology IDT77105 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13 of 24
September 11, 2000
IDT77105
1. Assert TxFull, via register 0x02, Bit 7. This stops the 77105 from
receiving more data, and prevents the complete assembly of a
cell for transmission.
2. Enter desired loopback mode.
3. De-assert TxFull using 0x02, Bit 7. The previously 'interrupted'
cell will continue to be assembled in the transmit FIFO; on
completion, it will be transmitted, as selected via the loopback
mode. If this partial cell should be discarded, assertion of TxSOC
will clear this 'short' cell from the internal FIFO, and normal oper-
ation will resume.
Entering Loopback (Cell Mode)
Under UTOPIA specification, cell transfer is initiated via the TxCLAV
control, which indicates that the transmission device can receive an
entire 53 byte cell for transmission. Therefore, a complete cell will auto-
matically be received and transmitted by the 77105, even after TxCLAV
assertion is inhibited:
1. De-assert TxCLAV, using 0x02, Bit 7. As described above, under
normal UTOPIA operation it is assumed that the remainder of the
cell will continue to be shipped to the 77105.
2. After waiting for complete cell to be transmitted, enable desired
loopback mode. If loopback is entered prior to complete cell
receipt, the cell will be looped back.
3. Re-assert TxCLAV using 0x02, Bit 7.
Exiting Loopback (Byte and Cell Modes)
The same conditions and concerns exist for exiting loopback, as for
entering these modes. Therefore, follow the above instructions, except
replace step #2 with 'disable loopback mode'.
2. Counters
2. Counters
2. Counters
2. Counters
Several condition counters are provided to assist external systems
(e.g. software drivers) in evaluating communications conditions. It is
anticipated that these counters will be polled from time-to-time (user
selectable) to evaluate performance.
!
Symbol Error Counter
– 8 bit counter
– counts all undefined 5 bit symbols in received data stream
!
TxCell Counter
– 16 bit
– counts all transmitted cells
!
RxCell Counter
– 16 bit counter
– counts all received cells
!
Receive HEC Error Counter
– 5 bit counter
– counts all received HEC errors
Figure 9 Normal Mode
Figure 10 PHY Loopback
Figure 11 Line Loopback
25 Mbps TC
PMD
Line
Interface
Upstream System
3445 drw 12
IDT77105
Upstream System
25 Mbps TC
PMD
Line
Interface
3445 drw 13
IDT77105
Upstream System
25 Mbps TC
PMD
Line
Interface
3445 drw 14
IDT77105


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com