Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 8Page - Integrated Device Technology IDT77105 Datasheet HTML 9Page - Integrated Device Technology IDT77105 Datasheet HTML 10Page - Integrated Device Technology IDT77105 Datasheet HTML 11Page - Integrated Device Technology IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology IDT77105 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12 of 24
September 11, 2000
IDT77105
This leaves the interrupt system ready to signal an alarm for further
problems.
Cable Disconnect Procedures and Link
Cable Disconnect Procedures and Link
Cable Disconnect Procedures and Link
Cable Disconnect Procedures and Link
Establishment
Establishment
Establishment
Establishment
During the initial state of connecting the line for IDT77105, there are
some interrupts (“HEC Error Cell Received” interrupt, “Short Cell
Received” interrupt, and “Received Cell Symbol Error” interrupt) that
may appear. These interrupts should be masked.
When the line is disconnected, these interrupts may also appear, but
this depends on the passive network between the magnetics and the
77105. Previous network recommendations did not adequately address
this matter, the result being that the receiver would generate needless
repetitive interrupts. The latest network recommendations, shown in
Figure 21, pull the RXD+ and RXD- inputs to different D.C. voltages in
the absence of a signal. This prevents false receive signals when there
is no actual signal, and thus prevent repetitive interrupts.
Register Status for Established Link
Register Status for Established Link
Register Status for Established Link
Register Status for Established Link
IDT77105 register setting and status are as follows when the link
condition exists.
LED Control and Signalling
LED Control and Signalling
LED Control and Signalling
LED Control and Signalling
The LED outputs, pins 13 and 14 provide bi-directional LED drive
capability of 10mA. As an example, the RxLED pin’s output is described
in the truth table:
As illustrated in the following drawing (Figure 8), this could be
connected to provide for a two-LED condition indicator. These could also
be different colors to provide simple status indication at a glance. (The
value of R is determined to limit LED current to 10mA or less as speci-
fied by the LED manufacturer. Minimum value for R should be 270
Ω).
TxLED Truth Table (Pin 14)
TxLED Truth Table (Pin 14)
TxLED Truth Table (Pin 14)
TxLED Truth Table (Pin 14)
Master Control Register 0x00
contents => 49h
Interrupt Status Register 0x01
contents => 40h
Diagnostic Control Register 0x02
contents => 00h
State
Pin Voltage
Cell being received
Low
Cells not being received
High
State
Pin Voltage
Cell being transmitted
Low
Cells not being transmitted High
Figure 8
Diagnostic Functions
Diagnostic Functions
Diagnostic Functions
Diagnostic Functions
1. Loopback
1. Loopback
1. Loopback
1. Loopback
There are two loopback modes supported by the 77105. The loop-
back mode is controlled via Register 0x02, bits 1 and 0:
Normal Mode
This mode, Figure 9, supports normal operating conditions: data to
be transmitted is transferred to the TC, where it is queued and formatted
for transmission by the PMD. Receive data from the PMD is decoded
along with its clock for transfer to the receiving "upstream system".
PHY Loopback
As Figure 10 illustrates below, this loopback mode provides a
connection within the PHY between transmit and receive data. Note that
while this mode is operating, no data is forwarded to or received from
the line interface.
Line Loopback
Figure 11 might also be called “remote loopback” since it provides for
a means to test the overall system, including the line. Since this mode
will probably be entered under direction from another system (at a
remote location), receive data is also decoded and transferred to the
upstream system to allow it to listen for commands. A common example
would be a command asking the upstream system to direct the TC to
leave this loopback state, and resume normal operations.
Entering Loopback (Byte Mode)
In byte mode, the 77105 counts 53 bytes after each TxSOC, and
after receiving a complete cell, the cell is transmitted.
0x02
Bit 1
Bit 0
0
0
Normal operating mode
1
0
PHY Loopback
1
1
Line Loopback
RxLED,
Pin 13
Vcc
(Indicates: Cells
being received)
(Indicates: Cells are
not being received)
3445 drw 11
R
R


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com