Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 7Page - Integrated Device Technology IDT77105 Datasheet HTML 8Page - Integrated Device Technology IDT77105 Datasheet HTML 9Page - Integrated Device Technology IDT77105 Datasheet HTML 10Page - Integrated Device Technology IDT77105 Datasheet HTML 11Page - Integrated Device Technology IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11 of 24
September 11, 2000
IDT77105
Operation and Timing
Received-cell transfer from the PHY is controlled externally and is
synchronized to RxClk. Since data transfer is dependent upon an
external system, a 2-cell FIFO is provided to buffer the receive data
path. As with the transmit path, the receive data and controls are
sampled on the rising edge of RxClk. The data is transferred from PHY
to the external system by Octet (byte-Level Handshake or Cell-Level
Handshake. Octet (byte)-Level handshake operates as follows:
!
The PHY indicates it can transfer data into external system by
deasserting RxEmpty.
!
The RxEnb is asserted by the external system, data is clocked
on the rising edge of RxClk from PHY into external system.
Cell-Level handshake operates as follows:
!
The PHY indicates it can transfer an entire 53-byte cell into
external system by asserting RxClav.
!
The RxEnb is asserted by the external system, data is clocked
on the rising edge of RxClk from PHY into external system. Note
that for both Octet (byte)-Level Handshake and Cell-Level
Handshake modes, once the PHY indicates data transfer by
deasserting RxEmpty/asserting RxClav, the PHY has the
capability to transfer the entire 53-byte cell out unless the
RxEnb is deasserted by the external system.
Control and Status Interface
Control and Status Interface
Control and Status Interface
Control and Status Interface
The Control and Status Interface provides the data and control pins
needed to set and reset registers within the IDT77105. Registers are
used to set desired operating characteristics and functions, and to
communicate status to external systems.
The Control and Status Interface is implemented using a multiplexed
address and data bus (AD[7:0]) where the register address is latched via
the use of an Address Latch Enable.
Utility Bus
Utility Bus
Utility Bus
Utility Bus
The Utility Bus is a byte-wide interface that provides access to the
registers within the IDT77105. These registers are used to select
desired operating characteristics and functions, and to communicate
status to external systems.
The Utility Bus is implemented using a multiplexed address and data
bus (AD[7:0]) where the register address is latched via the Address
Latch Enable (ALE) signal.
The Utility Bus interface is comprised of the following pins:
AD[7:0]
ALE
CS
RDB
WRB
Read Operation
Read Operation
Read Operation
Read Operation
Refer to the Utility Bus waveforms on Figures 19 - 20. A register read
is performed as follows:
1. Initial condition:
– RDB, WRB, CS not asserted (logic 1)
– ALE not asserted (logic 0)
2. Set up register address:
– place desired register address on AD[7:0]
– set ALE to logic 1;
– latch this address by setting ALE to logic 0.
3. Read register data:
– Remove register address data from AD[7:0]
– assert CS by setting to logic 0;
– assert RDB by setting to logic 0
– wait minimum pulse width time (see AC specifications)
Write Operation
Write Operation
Write Operation
Write Operation
A register write is performed as described below:
1. Initial condition:
– RDB, WRB, CS not asserted (logic 1)
– ALE not asserted (logic 0)
2. Set up register address:
– place desired register address on AD[7:0]
– set ALE to logic 1;
– latch this address by setting ALE to logic 0.
3. Write data:
– place data on AD[7:0]
– assert CS by setting to logic 0;
– assert WRB (logic 0) for minimum time (according to timing
specification); reset WRB to logic 1 to complete register write
cycle.
Interrupt Operations
Interrupt Operations
Interrupt Operations
Interrupt Operations
The IDT77105 provides a variety of selectable interrupt and signal-
ling conditions which are useful both during ‘normal’ operation, and as
diagnostic aids. Refer to the Status and Control Register List starting on
Page 18.
Overall interrupt control is provided via register 0x00, bit 0. When this
bit is cleared (set to 0), interrupt signalling is prevented. Additional inter-
rupt signal control is provided by register 0x00, bit 5. When this bit is set
(=1), receive cell errors will be flagged via interrupt signalling and all
other interrupt conditions are masked. These errors include:
– Bad receive HEC
– Short (fewer than 53 bytes) cells
– Received cell symbol error
Normal interrupt operations are performed by setting register 0x00
bit-0 = 1, and bit-5 = 0. INT (pin 53) will go to a low state when an inter-
rupt condition is detected. The external system should then interrogate
the 77105 to determine which one (or more) conditions caused this flag,
and reset the interrupt for further occurrences. This is accomplished by
reading register 0x01. Decoding the bits in this byte will tell which error
condition caused the interrupt. Reading register 0x01 also:
– clears all interrupt status bits
– resets INT


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com