Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 5Page - Integrated Device Technology IDT77105 Datasheet HTML 6Page - Integrated Device Technology IDT77105 Datasheet HTML 7Page - Integrated Device Technology IDT77105 Datasheet HTML 8Page - Integrated Device Technology IDT77105 Datasheet HTML 9Page - Integrated Device Technology IDT77105 Datasheet HTML 10Page - Integrated Device Technology IDT77105 Datasheet HTML 11Page - Integrated Device Technology IDT77105 Datasheet HTML 12Page - Integrated Device Technology IDT77105 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9 of 24
September 11, 2000
IDT77105
Transmit Interface
Transmit Interface
Transmit Interface
Transmit Interface
Signals
TxData[7:0], TxParity—Transmit Data. TxData[7] is the MSB.
TxSOC—Start Of Cell. Active high signal to be asserted when
TxData contains the first byte of the cell.
TxENB—Enable. Active low signal to be asserted when TxData
contains valid data.
TxFull/TxClav—Full/Cell Available. For octet (byte)-level
hand-
shake control, TxFull is an active low signal asserted by PHY at least 4
cycles before it is no longer able to accept transmit data. For cell-level
flow control, the assertion of TxClav indicates that the PHY is capable of
receiving an entire 53-byte cell.
TxClk—Transmit Clock. Data transfer clock to synchronize data
transfers on TxData to PHY.
TxRef—Transmit Reference. 8kHz input for synchronization.
Operation and Timing
Cell transmission is controlled by the external system and is synchro-
nized to TxClk. All signals are sampled on the rising edge of TxClk. Data
is transferred to the PHY using one of two handshake methods: Octet
(byte)-Level Handshake, Cell-Level Handshake. Handshake method is
selected via setting of the Register 0x00 Bit 1. Octet (byte)-level hand-
shake operates as follows:
!
The PHY indicates it can accept data by deasserting TxFull.
(The PHY may assert TxFull at any time which will indicate that
no more than 4 write cycles (bytes) will be accepted.)
!
If TxEnb is asserted by the external system, data is clocked into
the PHY on the rising edge of TxClk. Note that TxEnb must be
deasserted within 4 cycles of TxFull assertion, and must not be
reasserted until after TxFull deassertion is detected.
The "cell-level" handshake is the same as the byte-level except that
TxClav is only asserted when the PHY can accept transfer of an entire
53-byte cell. TxEnb must remain asserted until at least the last byte of
the cell. If TxClav remains asserted at the end of the cell, TxEnb may
also remain asserted, which allows uninterrupted cell transfer from the
external system to the PHY.
Receive Interface
Receive Interface
Receive Interface
Receive Interface
Signals
RxData[7:0], RxParity—Receive Data. RxData[7] is the MSB.
RxSOC—Start Of Cell. Active high signal asserted by PHY when
RxData contains first byte of a cell.
RxEnb—Enable. Active low signal asserted externally to indicate
that RxData and RxSOC will be sampled at the start of the next cycle.
RxEmpty/RxClav—Empty/Cell Available. For octet (byte)-level flow
control, RxEmpty is an active low signal asserted by the PHY to indi-
cate that in the current cycle there is no valid data available for delivery
over RxData[7:0]. For cell-level flow control, RxClav indicates that an
entire cell is available for immediate transfer over RxData. In both cases,
this signal indicates cycles where there is valid data on RxData/RxSOC.
For Cell-Level Handshake mode, if register 0x02, Bit 6 is set, RxClav
can be deasserted by the PHY for 4 cycles before it is no longer able to
transfer data out.
RxClk—Receive Clock. Transfer clock provided externally to
synchronize transfers on RxData.
RxRef—Receive Reference. 8kHz output derived from incoming
data stream.
Figure 3 Transmit Waveform for Octet (byte)-Level Handshake
TxClk
TxSOC
TxFull
TxEnb
TxData
X
H1
H2
P44
P45
P46
P47
P48
X
3445 drw 05


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com