Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 3Page - Integrated Device Technology IDT77105 Datasheet HTML 4Page - Integrated Device Technology IDT77105 Datasheet HTML 5Page - Integrated Device Technology IDT77105 Datasheet HTML 6Page - Integrated Device Technology IDT77105 Datasheet HTML 7Page - Integrated Device Technology IDT77105 Datasheet HTML 8Page - Integrated Device Technology IDT77105 Datasheet HTML 9Page - Integrated Device Technology IDT77105 Datasheet HTML 10Page - Integrated Device Technology IDT77105 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7 of 24
September 11, 2000
IDT77105
The 'Scrambler' takes each nibble of data and exclusive-ORs them
against the 4 high order bits (X(t), X(t-1), X(t-2), X(t-3)) of a 10 bit
pseudo-random nibble generator (PRNG). Its function is to provide the
appropriate frequency distribution for the signal across the line.
The PRNG is clocked every time a nibble is processed, regardless of
whether the processed nibble is part of a data or command byte. Note
however that only data nibbles are scrambled. The entire command byte
(X _C) is NOT scrambled before it's encoded (see diagram for illustra-
tion). The PRNG is based upon the following polynomial:
X10 + X7 + 1
With this polynomial, the four output data bits (D3, D2, D1, D0) will be
generated from the following equations:
D3 = d3 xor X(t-3)
D2 = d2 xor X(t-2)
D1 = d1 xor X(t-1)
D0 = d0 xor X(t)
The following nibble is scrambled with X(t+4), X(t+3), X(t+2), and
X(t+1).
A scrambler lock between the transmitter and receiver occurs each
time an X_X command is sent. An X_X command is initiated only at the
beginning of a cell transfer after the PRNG has cycled through all of its
states (210 - 1 = 1023 states). The first valid ATM data cell transmitted
after power on will also be accompanied with an X_X command byte.
Each time an X_X command byte is sent, the first nibble after the last
escape (X) nibble is XOR'd with 1111b (PRNG = 3FFx).
Because a timing marker command (X_8) may occur at any time, the
possibility of a reset PRNG start-of-cell command and a timing marker
command occurring consecutively does exist (e.g. X_X_X_8). In this
case, the detection of the last two consecutive escape (X) nibbles will
cause the PRNG to reset to its initial 3FFx state. Therefore, the PRNG is
clocked only after the first nibble of the second consecutive escape pair.
Once the data nibbles have been scrambled using the PRNG, the
nibbles are further encoded using a 4b/5b process. The 4b/5b scheme
ensures that an appropriate number of signal transitions occur on the
line. A total of 17 5-bit symbols are used to represent the 16 4-bit data
nibbles and the one escape (X) nibble. The table below lists the 4-bit
data with their corresponding 5-bit symbols:
Data
0000
0100
1000
1100
Symbol
10101
00111
10010
10111
Symbol
01001
01101
11001
11101
Data
0001
0101
1001
1101
Symbol
01010
01110
11010
11110
Data
0010
0110
1010
1110
Data
0011
0111
1011
1111
ESC(X) = 00010
3445 drw 03a
Symbol
01011
01111
11011
11111
.
.
This encode/decode implementation has several very desirable prop-
erties. Among them is the fact that the output symbol bits can be repre-
sented by a set of relatively simple logic equations. The other main
advantage is that it contains transmission properties that are desirable,
which include:
!
Transition averages over 3 per 5 signal elements;
!
Encode/Decode is not affected by the incorporation of the
scrambler;
!
Run length is limited to <= 5;
!
Disparity never exceeds +/- 1.
On the receiver, the decoder determines from the received symbols
whether a timing marker command (X_8) or a start-of-cell command was
sent (X_X or X_4). If a start-of-cell command is detected, the next 53
bytes received are decoded and forwarded to the descrambler. (See
Receive Block Diagram, Figure 2).
The output of the 4b/5b encoder provides serial data to the NRZI
encoder. The NRZI code transitions the wire voltage each time a '1' bit is
sent. This, together with the previous encoding schemes guarantees
that long run lengths of either '0' or '1's are prevented. Each symbol is
shifted out with its most significant bit sent first.
When it has no cells to transmit, the 77105 keeps the line active by
continuing to transmit valid symbols. It does not, however, transmit
another start-of-cell command until it has another cell for transmission.
Transmit HEC Byte Calculation/Insertion
Byte #5 of each ATM cell, the HEC (Header Error Control) is calcu-
lated automatically across the first 4 bytes of the cell header, depending
upon the setting of bit 5 of register 0x03. This byte is then either inserted
as a replacement of the fifth byte transferred to the PHY by the external
system, or the cell is transmitted as received. A second operating mode
provides for insertion of "Bad" HEC codes which may aid in communica-
tion diagnostics.
Receiver Description
On the receiving end, the inverse occurs. The data is NRZI decoded
before each symbol is reassembled. The symbols are then sent to the
5b/4b decoder, followed by the Command Byte Interpreter, De-Scram-
bler, and finally the UTOPIA interface to the outside world. Note that
although the IDT77105 can detect symbol and HEC errors, it does not
attempt to correct them.
ATM Cell Format
Bit 7
Bit 0
Bit7
Bit0
Header Byte 1
Header Byte 2
Header Byte 3
Header Byte 4
UDF
Payload Byte 1
••
Payload Byte 48
3445 drw 03b
UDF = User Defined Field (or HEC)


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com