Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT77105 Datasheet HTML 1Page - Integrated Device Technology IDT77105 Datasheet HTML 2Page - Integrated Device Technology IDT77105 Datasheet HTML 3Page - Integrated Device Technology IDT77105 Datasheet HTML 4Page - Integrated Device Technology IDT77105 Datasheet HTML 5Page - Integrated Device Technology IDT77105 Datasheet HTML 6Page - Integrated Device Technology IDT77105 Datasheet HTML 7Page - Integrated Device Technology IDT77105 Datasheet HTML 8Page - Integrated Device Technology IDT77105 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 of 24
September 11, 2000
IDT77105
Output Parameters for Transmit Line Signal @ Vcc = 5V ± 10%
Output Parameters for Transmit Line Signal @ Vcc = 5V ± 10%
Output Parameters for Transmit Line Signal @ Vcc = 5V ± 10%
Output Parameters for Transmit Line Signal @ Vcc = 5V ± 10%
Input Parameters for IDT77105 Receive Line Signal
Input Parameters for IDT77105 Receive Line Signal
Input Parameters for IDT77105 Receive Line Signal
Input Parameters for IDT77105 Receive Line Signal
Capacitance (T
Capacitance (T
Capacitance (T
Capacitance (TAAAA = +25
= +25
= +25
= +25°C, f = 1MHz)
C, f = 1MHz)
C, f = 1MHz)
C, f = 1MHz)
Pin Description
Pin Description
Pin Description
Pin Description
Symbol
Parameter
Min.
Typ. Max. Unit
Voh
Output High Voltage for Transmit Line Signal, Ioh = 8mA Vcc - 0.5V —
V
Vol
Output Low Voltage for Transmit Line Signal, Ioh = 8mA —
0.5
V
Ioh
Output High Current for Transmit Line Signal
80
mA
Iol
Output Low Current for Transmit Line Signal
75
mA
ZOUT
Output Impedance
20
Ohm
Symbol
Parameter
Min.
Typ. Max. Unit
ILI
Input Leakage Current1
1. Input Voltage = 2.5V (typ) ± 600mV
-1
1
µA
CIN
Input Capacitance2
2. Measured with f=1MHz
——
10
pF
Symbol
Parameter
Conditions
Max.
Unit
CIN1
1. Characterized values, not currently tested.
Output Capacitance
VIN = 0V
10
pF
COUT1
Input Capacitance
VOUT = 0V
10
pF
Pin
Name
I/O Interfaces to
Description
1
ALE
I
Utility bus
Address Latch Enable signal. The falling edge of ALE is used to latch the address on AD[7:0].
2
WRB
I
Utility bus
Write Byte Enable (active low).
3VCC
Power Plane
4
RDB
I
Utility bus
Read Byte Enable (active low).
5VCC
Reserved input
6
RxD+
I
Magnetics
Positive Differential receive serial data input.
7
VCC
Reserved input
8
RxD-
I
Magnetics
Negative Differential receive serial data input.
9VCC
Reserved input
10
DNC
N/A
NOTE: This pin should float.
11
UPLO
O
User defined
User Programmed Latched Output of Reg 0, bit 7 (opposite polarity).
12
PLL_Filter_2
Discrete Capacitor
(See Figure 20).
13
RxLED
O
LED
LED driver output (see Figure 8). Pulses low when a cell is being received.
14
TxLED
O
LED
LED driver output (see Figure 8). Pulses low when a cell is being transmitted
15
PLL_Filter_1
Discrete Capacitor
(See Figure 20).
16
TXD–
O
Magnetics
Differential Negative transmit serial data output.
17
DNC
O
N/A
NOTE: This pin should float.
18
TxD+
O
Magnetics
Differential Positive transmit serial data output.
19
GND
Ground plane
20
TxOsc
I
OSC
Input from an external clock oscillator. 32MHz for 25.6 Mbps; ±100ppm
21
GND
Ground plane
Table 1 Pin Description (Part 1 of 2)


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com