Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT77105 Datasheet HTML 1Page - Integrated Device Technology IDT77105 Datasheet HTML 2Page - Integrated Device Technology IDT77105 Datasheet HTML 3Page - Integrated Device Technology IDT77105 Datasheet HTML 4Page - Integrated Device Technology IDT77105 Datasheet HTML 5Page - Integrated Device Technology IDT77105 Datasheet HTML 6Page - Integrated Device Technology IDT77105 Datasheet HTML 7Page - Integrated Device Technology IDT77105 Datasheet HTML 8Page - Integrated Device Technology IDT77105 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3 of 24
September 11, 2000
IDT77105
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimension Letter Tolerance (mm) Dimension (mm)
A
Max.
1.60
A1
±.05
0.10
A2
±.05
1.40
D
±.10
12.00
D1
±.10
10.00
E
±.10
12.00
E1
±.10
10.00
L
±15
0.60
e
Basic
0.50
b
05
0.22
2.4792 '
1
64
A1
64-Pin
STQFP
PP64
5.3521 '
D
4.3021 '
D1
A
4.3514 '
5.4035 '
E1
E
2.4792 '
A1
A2
e
Draft Angle = 11° - 13°
b
4° ± 4°
0.20 Rad Typ.
0.20 Rad Typ.
L
A
4.3514 '
5.4035 '
E1
3445 drw 02
E
.
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings(1)
(1)
(1)
(1)
Note:
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Recommended DC Operating
Recommended DC Operating
Recommended DC Operating
Recommended DC Operating
Conditions
Conditions
Conditions
Conditions
Recommended Operating
Recommended Operating
Recommended Operating
Recommended Operating
Temperature and Supply Voltage
Temperature and Supply Voltage
Temperature and Supply Voltage
Temperature and Supply Voltage
DC Electrical Characteristics
DC Electrical Characteristics
DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Rating
Value
Unit
VTERM
Terminal Voltage with Respect to GND -0.5 to +7.0 V
TBIAS
Temperature Under Bias
-55 to +125
°C
TSTG
Storage Temperature
-55 to +120
°C
IOUT
DC Output Current
50
mA
Symbol
Parameter
Min.
Max.
Unit
Vcc
Digital Supply Voltage
4.5
5.5
V
GND
Digital Ground Voltage
0
0
V
VIH
Input High Voltage
2.0
Vcc + 0.3V
V
VIL
Input Low Voltage
GND-0.3V
0.8
V
Grade
Ambient Temperature
GND
Unit
Commercial 0
°C to +70°C
0V
5.0V ± 0.5V
Industrial
-40
°C to +85°C
0V
5.0V ± 0.5V
Symbol
Parameter
Min. Max. Unit
ILI 1
1. Measurements with 0.4V ≤ VIN ≤ VCC.
Input Leakage Current (any input)
-1
1
µA
ILO2
2. 0.4V ≤ VOUT ≤ VCC.
Output Leakage Current
-10
10
µA
VOH
Output Logic “1” Voltage, IOH = -2mA 2.4
V
VOL
Output Logic “0” Voltage, IOL = 8mA —
0.4
V
IDDI3
3. Tested at f = 32MHz with outputs unloaded. Add 13mA additional current when TxD
outputs are driving a typical load.
Active Power Supply Current
100
mA


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com