Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 16Page - Integrated Device Technology IDT77105 Datasheet HTML 17Page - Integrated Device Technology IDT77105 Datasheet HTML 18Page - Integrated Device Technology IDT77105 Datasheet HTML 19Page - Integrated Device Technology IDT77105 Datasheet HTML 20Page - Integrated Device Technology IDT77105 Datasheet HTML 21Page - Integrated Device Technology IDT77105 Datasheet HTML 22Page - Integrated Device Technology IDT77105 Datasheet HTML 23Page - Integrated Device Technology IDT77105 Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20 of 24
September 11, 2000
IDT77105
Figure 18 TxOSC and Reset Timing
Figure 19 Utility Bus Read Cycle
Utility Bus Read Cycle
Utility Bus Write Cycle
Utility Bus Read Cycle
Utility Bus Write Cycle
Utility Bus Read Cycle
Utility Bus Write Cycle
Utility Bus Read Cycle
Utility Bus Write Cycle
Name
Min. Max. Unit
Comment
Name
Min. Max. Unit
Comment
Tas
10
ns
Address setup to ALE
Tapw
10
ns
ALE min pulse width
Tcsrd
0
ns
Chip select to read enable
Tas
10
ns
Address set up time to ALE
Tah
5
ns
Address hold to ALE
Tah
5
ns
Address hold time to ALE
Tapw
10
ns
ALE min pulse width
Tcswr
0
ns
CS Assert to WRB
Ttria
0
ns
Address tri-state to RDB assert
Twrpw
20
ns
Min. WRB pulse width
Trdpw
20
ns
Min. RDB pulse width
Tdws
20
ns
Write Data set up time
Tdh
0
ns
Data Valid hold time
Tdwh
10
ns
Write Data hold time
Tch
0
ns
RDB deassert to CS deassert
Tch
0
ns
WRB deassert to CS deassert
Ttird
10
ns
RDB deassert to data tristate
Taw
20
ns
ALE low to end of write
Trd
5
18
ns
Read Data access
Tar
5
ns
ALE low to start of read
Trdd
0
ns
Start of read to Data low-Z
3445 drw 29
TxOSC
RESET
Trpw
Tcyc
Tch
Tcl
.
3445 drw 21
CS
RD B
ALE
Tah
Tas
Tapw
Tch
Trdd
Trdpw
ADDR/DATA
(output)
Tdh
Trd
Ttrid
Tcsrd
Address
Data
Tar
ADDR/DATA
(input)


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com