Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77105 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # IDT77105
Description  PHY (TC-PMD) for 25.6 Mbps ATM Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77105 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button IDT77105 Datasheet HTML 13Page - Integrated Device Technology IDT77105 Datasheet HTML 14Page - Integrated Device Technology IDT77105 Datasheet HTML 15Page - Integrated Device Technology IDT77105 Datasheet HTML 16Page - Integrated Device Technology IDT77105 Datasheet HTML 17Page - Integrated Device Technology IDT77105 Datasheet HTML 18Page - Integrated Device Technology IDT77105 Datasheet HTML 19Page - Integrated Device Technology IDT77105 Datasheet HTML 20Page - Integrated Device Technology IDT77105 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17 of 24
September 11, 2000
IDT77105
LED Driver and HEC Status/Control
LED Driver and HEC Status/Control
LED Driver and HEC Status/Control
LED Driver and HEC Status/Control
Address: 0x03
Address: 0x03
Address: 0x03
Address: 0x03
Low Byte Counter Register [7:0]
Low Byte Counter Register [7:0]
Low Byte Counter Register [7:0]
Low Byte Counter Register [7:0]
Address: 0x04
Address: 0x04
Address: 0x04
Address: 0x04
High Byte Counter Register [15:8]
High Byte Counter Register [15:8]
High Byte Counter Register [15:8]
High Byte Counter Register [15:8]
Address: 0x05
Address: 0x05
Address: 0x05
Address: 0x05
Counter Register Read Select
Counter Register Read Select
Counter Register Read Select
Counter Register Read Select
Note: Only one bit may set at any time for proper operation
Address: 0x06
Address: 0x06
Address: 0x06
Address: 0x06
Master Type Initial State
Function
Bit 7
0
Reserved
Bit 6
R/W
0 = enable
Disable Receive HEC Checking (HEC Enable)
When not set, TC calculates HEC byte on first 4 bytes of received cell, and compares value against 5th byte with this HEC
calculation result
Bit 5
R/W
0 = enable
Disable Xmit HEC Calculate & Replace
Directs TC not to calculate HEC on first 4 bytes of cell queued for transmit and replace 5th byte with this HEC calculation
result
Bit 4, 3
R/W
0 = 1 cycle
RxRef pulse width select
bit # . 4 3 .
0 0 RxRef active for 1 RxClk cycle
0 1 RxRef active for 2 RxClk cycles0
1 0 RxRef active for 4 RxClk cycles
1 1 RxRef active for 8 RxClk cycles
Bit 2
R
1 = empty
FIFO Status 1 = TxFIFO empty 0 = TxFIFO not empty
Bit 1
R
0
TxLED Status 1 = Cell Transmitted 0 = Cell NOT Transmitted
Bit 0
R
0
RxLED Status 1 = Cell Received 0 = Cell NOT Received
Master Type Initial State
Function
Bit [7:0]
R
0x00
Provides low-byte of counter value selected via register 0x06.
Master Type Initial State
Function
Bit [7:0]
R
0x00
Provides high-byte of counter value selected via register 0x06.
Master Type Initial State
Function
Bit 7
Reserved
Bit 6
Reserved
Bit 5
Reserved
Bit 4
Reserved
Bit 3
W
0
Symbol Error Counter
Bit 2
W
0
TxCell Counter
Bit 1
W
0
RxCell Counter
Bit 0
W
0
Receive HEC Error Counter


Similar Part No. - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155 IDT-IDT77155L155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77155L155PX IDT-IDT77155L155PX Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
More results

Similar Description - IDT77105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com