Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4741 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG7NT4741
Description  Small Form Factor CRB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4741 Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG7NT4741 Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5
5
Small Form Factor CRB
SLG7NT4741_DS_r101
SLG7NT4741
Push Pull,
IOL = 5mA, 1X Driver, at VDD=5.0 V
--
0.189
0.270
Open Drain,
IOL = 5mA, 1X Driver, at VDD=5.0 V
--
0.102
0.180
IOH
HIGH-Level Output
Current
Push Pull & PMOS OD,
VOH = VDD-0.2, 1X Driver at VDD=1.8 V
1.027
1.703
--
mA
Push Pull & PMOS OD,
VOH = 2.4 V, 1X Driver, at VDD=3.3 V
5.608
10.774
--
Push Pull & PMOS OD,
VOH = 2.4 V, 1X Driver, at VDD=5.0 V
20.337
30.010
--
IOL
LOW-Level Output Current
Push Pull,
VOL = 0.15V, 1X Driver, at VDD=1.8 V
0.917
1.660
--
mA
Open Drain,
VOL = 0.15V, 1X Driver, at VDD=1.8 V
1.375
2.534
--
Push Pull,
VOL = 0.4V, 1X Driver, at VDD=3.3 V
4.875
7.795
--
Open Drain,
VOL = 0.4V, 1X Driver, at VDD=3.3 V
7.313
12.370
--
Push Pull,
VOL = 0.4V, 1X Driver, at VDD=5.0 V
6.996
10.438
--
Open Drain,
VOL = 0.4V, 1X Driver, at VDD=5.0 V
10.820
17.380
--
TDLY1
Delay1 Time
At temperature 25°C
3.77
4.59
5.52
s
At temperature -40°C +85°C (note 1)
3.73
4.67
5.86
TDLY3
Delay3 Time
At temperature 25°C
75,21
91,78
110,11
ms
At temperature -40°C +85°C (note 1)
74,3
93,31
116,97
TDLY4
Delay4 Time
At temperature 25°C
974,61
1039,71
1177,65
ms
At temperature -40°C +85°C (note 1)
958,02
1047,51
1189,29
TDLY5
Delay5 Time
At temperature 25°C
75,21
91,78
110,11
ms
At temperature -40°C +85°C (note 1)
74,3
93,31
116,97
TDLY7
Delay7 Time
At temperature 25°C
75,21
91,78
110,11
ms
At temperature -40°C +85°C (note 1)
74,3
93,31
116,97
TDLY8
Delay8 Time
At temperature 25°C
75,21
91,78
110,11
ms
At temperature -40°C +85°C (note 1)
74,3
93,31
116,97
TDLY9
Delay9 Time
At temperature 25°C
3,89
4,16
4,72
ms
At temperature -40°C +85°C (note 1)
3,82
4,19
4,77
TSU
Start up Time
From VDD rising past PONTHR
0.526
1.4
5.148
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the Chip
0.950
1.462
1.708
V
POFFTHR
Power Off Threshold
VDD Level Required to Switch Off the
Chip
0.935
1.103
1.281
V
1. Guaranteed by Design.


Similar Part No. - SLG7NT4741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
SLG7NT4741VTR RENESAS-SLG7NT4741VTR Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results

Similar Description - SLG7NT4741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
114-13219 TEC-114-13219 Datasheet
1Mb / 10P
Stacked Small Form-Factor Pluggable
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6160-001 AVAGO-ADNS-6160-001 Datasheet
332Kb / 3P
Small Form Factor Trim Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com