Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4741 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG7NT4741
Description  Small Form Factor CRB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4741 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG7NT4741 Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4
4
Small Form Factor CRB
SLG7NT4741_DS_r101
SLG7NT4741
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
125
°C
Junction temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1300
--
V
Moisture Sensitivity Level
1
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1.71
3
5.5
V
TA
Operating Temperature
-40
25
85
°C
IQ
Quiescent Current
Static inputs and outputs
--
80
--
µA
VO
Maximal Voltage Applied
to any PIN in High-
Impedance State
--
--
VDD
V
IO
Maximal Average or DC
Current
(note 1)
Per Each Chip Side
(PIN2-PIN10, PIN12-PIN20)
--
--
90
mA
VIH
HIGH-Level Input Voltage
Low-Level Logic Input, at VDD=1.8V
0.894
--
VDD
V
Low-Level Logic Input, at VDD=3.3V
1.059
--
VDD
Low-Level Logic Input, at VDD=5.0V
1.157
--
VDD
VIL
LOW-Level Input Voltage
Low-Level Logic Input, at VDD=1.8V
0
--
0.557
V
Low-Level Logic Input, at VDD=3.3V
0
--
0.686
Low-Level Logic Input, at VDD=5.0V
0
--
0.776
IIH
HIGH-Level Input Current
Logic Input PINs; VIN = VDD
-1.0
--
1.0
µA
IIL
LOW-Level Input Current
Logic Input PINs; VIN = 0V
-1.0
--
1.0
µA
VOH
HIGH-Level Output
Voltage
Push Pull & PMOS OD,
IOH = 100uA, 1X Driver, at VDD=1.8 V
1.680
1.788
--
V
Push Pull & PMOS OD,
IOH = 3mA, 1X Driver, at VDD=3.3 V
2.713
3.095
--
Push Pull & PMOS OD,
IOH = 5mA, 1X Driver, at VDD=5.0 V
4.159
4.750
--
VOL
LOW-Level Output Voltage
Push Pull,
IOL = 100uA, 1X Driver, at VDD=1.8 V
--
0.009
0.015
V
Open Drain,
IOL = 100uA, 1X Driver, at VDD=1.8 V
--
0.007
0.010
Push Pull,
IOL = 3mA, 1X Driver, at VDD=3.3 V
--
0.148
0.228
Open Drain,
IOL = 3mA, 1X Driver, at VDD=3.3 V
--
0.080
0.147


Similar Part No. - SLG7NT4741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
SLG7NT4741VTR RENESAS-SLG7NT4741VTR Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results

Similar Description - SLG7NT4741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
114-13219 TEC-114-13219 Datasheet
1Mb / 10P
Stacked Small Form-Factor Pluggable
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6160-001 AVAGO-ADNS-6160-001 Datasheet
332Kb / 3P
Small Form Factor Trim Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com