Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAT-15+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # PAT-15+
Description  DC to 7GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PAT-15+ Datasheet(HTML) 1 Page - Mini-Circuits

  PAT-15+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
FIXED ATTENUATORS
Designer's Kit K1-PAT+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
4995
Model
Frequency
Attenuation
VSWR
Input
( GHz )
( dB )
( :1 )
Power1
Max.
( W )
Flatness Max.
DC-1 DC-2.5 DC-7
DC-1
DC-2.5
DC-7
fL-fU
Nom.
GHz
GHz
GHz
GHz
GHz
GHz
Max.
PAT-3+
DC - 7
3±0.3
0.3
0.5
0.9
1.2
1.3
1.4
1
PAT-6+
DC - 7
6±0.3
0.3
0.5
1.1
1.2
1.3
1.4
1
PAT-10+
DC - 7
10±0.4
0.4
0.6
1.7
1.3
1.4
1.5
1
PAT-15+
DC - 7
15±0.6
0.5
0.7
2.4
1.3
1.4
1.5
1
PAT-20+
DC - 7
20±1.3
0.5
0.7
2.6
1.4
1.4
1.5
1
$
Kit K1-PAT+ Electrical specifications of each model
ea. kit (5 models, 4 of each,20 total )
1. RF power at 25ºC case temperature: 1W. Derate linearly to 0.1W at 100ºC.
o S
COMPLIANT
All models are
RoHS compliant
DC to 7GHz
PAT+ Features
Wideband, 50
3,6,10,15, 20dB attenuation
Input power 1W max.
Excellent VSWR
Miniature ceramic case
Aqueous washable
Low cost
REV. OR
M106021
K1-PAT+


Similar Part No. - PAT-15+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAT-15++ MINI-PAT-15+ Datasheet
316Kb / 1P
Input power 1W max
More results

Similar Description - PAT-15+

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6139 PASTERNACK-PE6139 Datasheet
82Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
PE6112 PASTERNACK-PE6112 Datasheet
87Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
logo
Analog Devices
LTC5555 AD-LTC5555 Datasheet
3Mb / 26P
1.5GHz to 7GHz Programmable Gain Downconverting Mixer
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
340Kb / 16P
NPN 7GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG135 JMNIC-BFG135_15 Datasheet
91Kb / 12P
NPN 7GHz wideband transistor
logo
Analog Devices
LTC5556 AD-LTC5556 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
107Kb / 12P
NPN 7GHz wideband transistor
1995 Sep 13
logo
Johanson Technology Inc...
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
7GHz Mini UWB Antenna
logo
Meder Electronic
CRF MEDER-CRF Datasheet
641Kb / 5P
7GHz High Frequency Reed
logo
Quanzhou Jinmei Electro...
BFG135_2015 JMNIC-BFG135_2015 Datasheet
91Kb / 12P
NPN 7GHz wideband transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com