Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSI-LXH55GD-250 Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSI-LXH55GD-250
Description  5mm X 5mm 565mm GREEN LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSI-LXH55GD-250 Datasheet(HTML) 1 Page - LUMEX INC.

  SSI-LXH55GD-250 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSI-LXH55GD-250

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXH55GD-150 LUMEX-SSI-LXH55GD-150 Datasheet
58Kb / 1P
5mm x 5mm 565mm GREEN LED PANEL INDICATOR, GREEN DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55GD-600 LUMEX-SSI-LXH55GD-600 Datasheet
69Kb / 1P
5mm X 5mm 565mm GREEN LED
More results

Similar Description - SSI-LXH55GD-250

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXH55GD LUMEX-SSI-LXH55GD Datasheet
56Kb / 1P
5mm x 5mm 565mm GREEN LED PANEL INDICATOR, GREEN DIFFUSED LENS
SSL-LX2573GD-BL5 LUMEX-SSL-LX2573GD-BL5 Datasheet
53Kb / 1P
2.5mm X 5mm RECTANGULAR 565mm GREEN LED
SSL-LX2573GD-WS LUMEX-SSL-LX2573GD-WS Datasheet
52Kb / 1P
2mm X 5mm RECTANGULAR 565mm GREEN LED
SSL-LX433GD LUMEX-SSL-LX433GD Datasheet
94Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX4673SYD-LA20 LUMEX-SSL-LX4673SYD-LA20 Datasheet
68Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX5063GD-TR LUMEX-SSL-LX5063GD-TR Datasheet
55Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX507F3LGD LUMEX-SSL-LX507F3LGD Datasheet
51Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX509F3GD-12V LUMEX-SSL-LX509F3GD-12V Datasheet
115Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX5573GD LUMEX-SSL-LX5573GD Datasheet
45Kb / 1P
5mm X 5mm SQUARE 565mm GREEN LED
SSI-LXH55GD-600 LUMEX-SSI-LXH55GD-600 Datasheet
69Kb / 1P
5mm X 5mm 565mm GREEN LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com