Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2RGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2RGZT
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2RGZT Datasheet(HTML) 1 Page - Texas Instruments

  CDCM6208V2RGZT Datasheet HTML 1Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 2Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 3Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 4Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 5Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 6Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
CDCM6208
Synthesizer
Mode
TMS320TCI6616/18
DSP
AIF
ALT
CORE
SRIO
PCIe
Packet
Accel
DR
Base Band DSP
Clocking
Pico Cell Clocking
DPLL
CDCM6208
APLL
GPS receiver
IEEE1588 timing
extract
Ethernet
SyncE
Et
he
rne
t
Timing
1pps
1pps
Core
Packet
network
FBADC
RXADC
TXDAC
RF LO
RF LO
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Check for Samples: CDCM6208
1
1 Features
1
Superior Performance With Low Power:
Low Noise Synthesizer (265 fs-rms Typical
Jitter) or Low Noise Jitter Cleaner (1.6 ps-rms
Typical Jitter)
0.5-W Typical Power Consumption
High Channel-to-Channel Isolation and
Excellent PSRR
Device Performance Customizable Through
Flexible 1.8-V, 2.5-V and 3.3-V Power
Supplies, Allowing Mixed Output Voltages
Flexible Frequency Planning:
4x Integer Down-Divided Differential Clock
Outputs Supporting LVPECL-Like, CML, or
LVDS-Like Signaling
4x Fractional or Integer Divided Differential
Clock Outputs Supporting HCSL, LVDS-Like
Signaling, or Eight CMOS Outputs
Fractional Output Divider Achieve 0 ppm to < 1
ppm Frequency Error and Eliminates Need for
Crystal Oscillators and Other Clock Generators
Output Frequencies up to 800 MHz
Two Differential Inputs, XTAL Support, Ability for
Smart Switching
SPI, I2C, and Pin Programmable
Professional User GUI for Quick Design
Turnaround
7 × 7 mm 48-VQFN package (RGZ)
–40°C to 85°C Temperature Range
2 Applications
Base Band Clocking (Wireless Infrastructure)
Networking and Data Communications
Micro and Pico Base Stations
Keystone C66x Multicore DSP Clocking
Storage Server, Portable Test Equipment
Medical Imaging, High End A/V
3 Description
The CDCM6208 is a highly versatile, low jitter low
power frequency synthesizer which can generate
eight low jitter clock outputs, selectable between
LVPECL-like high-swing CML, normal-swing CML,
LVDS-like low-power CML, HCSL, or LVCMOS, from
one of two inputs that can feature a low frequency
crystal or CML, LVPECL, LVDS, or LVCMOS signals
for a variety of wireless infrastructure baseband,
Small Cells, wireline data communication, computing,
low power medical imaging and portable test and
measurement applications. The CDCM6208 also
features an innovative fractional divider architecture
for four of its outputs that can generate any frequency
with better than 1ppm frequency accuracy. The
CDCM6208 can be easily configured through I2C or
SPI programming interface and in the absence of
serial interface, pin mode is also available that can
set the device in 1 of 32 distinct pre-programmed
configurations using control pins.
Device Information
DEVICE NAME
PACKAGE
BODY SIZE
CDCM6208
VQFN (48)
7.00 mm × 7.00 mm
Simplified Schematic
Simplified Schematic


Similar Part No. - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com