Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15SI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF22V10CQ-15SI
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15SI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF22V10CQ-15SI Datasheet HTML 2Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 3Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 9Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
ATF22V10C(Q)
0735P–PLD–01/02
Power-up Reset
The registers in the ATF22V10Cs are designed to reset during power-up. At a point
delayed slightly from VCC crossing VRST, all registers will be reset to the low state. The
output state will depend on the polarity of the output buffer.
This feature is critical for state machine initialization. However, due to the asynchronous
nature of reset and the uncertainty of how VCC actually rises in the system, the following
conditions are required:
1.
The V
CC rise must be monotonic, and starts below 0.7V,
2.
After reset occurs, all input and feedback setup times must be met before driving
the clock pin high, and
3.
The clock must remain stable during t
PR.
Preload of Registered
Outputs
The ATF22V10C’s registers are provided with circuitry to allow loading of each register
with either a high or a low. This feature will simplify testing since any state can be forced
into the registers to control test sequencing. A JEDEC file with preload is generated
when a source file with vectors is compiled. Once downloaded, the JEDEC file preload
sequence will be done automatically by most of the approved programmers after the
programming.
Electronic Signature
Word
There are 64 bits of programmable memory that are always available to the user, even if
the device is secured. These bits can be used for user-specific data.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF22V10C fuse pat-
terns. Once programmed, fuse verify and preload are inhibited. However, the 64-bit
User Signature remains accessible.
The security fuse should be programmed last, as its effect is immediate.
Programming/
Erasing
Programming/erasing is performed using standard PLD programmers. See “CMOS PLD
Programming Hardware & Software Support” for information on software/programming.
C
LOCK
VRST
POWER
REGISTERED
OUTPUTS
tS
t PR
t W
Parameter
Description
Typ
Max
Units
t
PR
Power-up Reset Time
600
1,000
ns
V
RST
Power-up Reset Voltage
3.8
4.5
V


Similar Part No. - ATF22V10CQ-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15SI ATMEL-ATF22V10CQ-15SI Datasheet
408Kb / 22P
Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
Highperformance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com