Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15SI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF22V10CQ-15SI
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15SI Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF22V10CQ-15SI Datasheet HTML 1Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 2Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 3Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
ATF22V10C(Q)
0735P–PLD–01/02
AC Waveforms (1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Notes:
1. See ordering information for valid part numbers.
2. 5.5 ns for DIP package devices.
3. 111 MHz for DIP package devices.
AC Characteristics(1)
Symbol
Parameter
-5
-7
-10
-15
Units
Min
Max
Min
Max
Min
Max
Min
Max
tPD
Input or Feedback to Combinatorial
Output
1.0
5.0
3.0
7.5
3.0
10.0
3.0
15.0
ns
tCO
Clock to Output
1.0
4.0
2.0
4.5
(2)
2.0
6.5
2.0
8.0
ns
t
CF
Clock to Feedback
2.5
2.5
2.5
2.5
ns
t
S
Input or Feedback Setup Time
3.0
3.5
4.5
10.0
ns
tH
Hold Time
0
0
0
0
ns
fMAX
External Feedback 1/(tS +tCO)
142.0
125.0
(3)
90.0
55.5
MHz
Internal Feedback 1/(tS +tCF)
166.0
142.0
117.0
80.0
MHz
No Feedback 1/(tWH +tWL)
166.0
166.0
125.0
83.3
MHz
t
W
Clock Width (t
WL and tWH)
3.0
3.0
3.0
6.0
ns
t
EA
Input or I/O to Output Enable
2.0
6.0
3.0
7.5
3.0
10.0
3.0
15.0
ns
tER
Input or I/O to Output Disable
2.0
5.0
3.0
7.5
3.0
9.0
3.0
15.0
ns
tAP
Input or I/O to Asynchronous Reset of
Register
3.0
7.0
3.0
10.0
3.0
12.0
3.0
20.0
ns
tAW
Asynchronous Reset Width
5.5
7.0
8.0
15.0
ns
t
AR
Asynchronous Reset Recovery Time
4.0
5.0
6.0
10.0
ns
t
SP
Setup Time, Synchronous Preset
4.0
4.5
6.0
10.0
ns
tSPR
Synchronous Preset to Clock
Recovery Time
4.0
5.0
8.0
10.0
ns


Similar Part No. - ATF22V10CQ-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15SI ATMEL-ATF22V10CQ-15SI Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com