Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15SI Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATF22V10CQ-15SI
Description  Highperformance EE PLD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15SI Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATF22V10CQ-15SI Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 11Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 12Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 13Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 14Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 15Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 16Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 17Page - ATMEL Corporation ATF22V10CQ-15SI Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
ATF22V10C(Q)
0735P–PLD–01/02
24X – TSSOP
0.30(0.012)
0.19(0.007)
4.48(0.176)
4.30(0.169)
6.50(0.256)
6.25(0.246)
0.65(0.0256)BSC
7.90(0.311)
7.70(0.303)
0.15(0.006)
0.05(0.002)
0.20(0.008)
0.09(0.004)
0.75(0.030)
0.45(0.018)
0º ~ 8º
1.20(0.047)MAX
Dimensions in Millimeter and (Inches)*
JEDEC STANDARD MO-153 AD
Controlling dimension: millimeters
PIN 1
04/11/2001
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
24X, 24-lead (4.4 mm body width) Plastic Thin Shrink Small Outline
Package (TSSOP)
A
24X


Similar Part No. - ATF22V10CQ-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15SI ATMEL-ATF22V10CQ-15SI Datasheet
408Kb / 22P
Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
Highperformance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com