Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15JC Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF22V10CQ-15JC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15JC Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF22V10CQ-15JC Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 11Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 12Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 13Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 14Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 15Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 16Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 17Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
ATF22V10C(Q)
0735P–PLD–01/02
24S – SOIC
0.51 (0.020)
0.33 (0.013)
7.60(0.2992)
7.40(0.2914)
10.65(0.419)
10.00(0.394)
2.65(0.1043)
2.35(0.0926)
1.27(0.050) BSC
15.60(0.6141)
15.20(0.5985)
0.30(0.0118)
0.10(0.0040)
0.32(0.0125)
0.23(0.0091)
1.27(0.050)
0.40(0.016)
0º ~ 8º
PIN 1 ID
Dimensions in Millimeters and (Inches)
Controlling dimension: Inches
JEDEC STANDARD MS-013
PIN 1
04/11/2001
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
REV.
24S, 24-lead (0.300" body) Plastic Gull Wing Small Outline (SOIC)
A
24S
R


Similar Part No. - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com