Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15JC Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATF22V10CQ-15JC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15JC Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATF22V10CQ-15JC Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 11Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 12Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 13Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 14Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 15Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 16Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 17Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
ATF22V10C(Q)
0735P–PLD–01/02
Packaging Information
28J–PLCC
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28J, 28-lead, Plastic J-leaded Chip Carrier (PLCC)
B
28J
10/04/01
45˚ MAX (3X)
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AB.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
4.191
4.572
A1
2.286
3.048
A2
0.508
D
12.319
12.573
D1
11.430
11.582
Note 2
E
12.319
12.573
E1
11.430
11.582
Note 2
D2/E2
9.906
10.922
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP
A
A1
B1
D2/E2
B
e
E1
E
D1
D


Similar Part No. - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com