Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15JC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF22V10CQ-15JC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15JC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF22V10CQ-15JC Datasheet HTML 9Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 11Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 12Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 13Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 14Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 15Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 16Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ATF22V10C(Q)
0735P–PLD–01/02
Using “C” Product for Industrial
To use commercial product for Industrial temperature ranges, down-grade one speed grade from the “I” to the “C” device
(7 ns “C” =10ns “I”) and de-rate power by 30%.
ATF22V10C(Q) Ordering Information
tPD (ns)
tS (ns)
tCO (ns)
Ordering Code
Package
Operation Range
5
3
4
ATF22V10C-5JC
28J
Commercial
(0
°Cto 70°C)
7.5
3.5
4.5
ATF22V10C-7JC
ATF22V10C-7PC
ATF22V10C-7SC
ATF22V10C-7XC
28J
24P3
24S
24X
Commercial
(0
°Cto 70°C)
ATF22V10C-7JI
28J
Industrial
(-40
°Cto85°C)
10
4.5
6.5
ATF22V10C-10JC
ATF22V10C-10PC
ATF22V10C-10SC
ATF22V10C-10XC
28J
24P3
24S
24X
Commercial
(0
°Cto 70°C)
ATF22V10C-10JI
ATF22V10C-10PI
ATF22V10C-10SI
ATF22V10C-10XI
28J
24P3
24S
24X
Industrial
(-40
°Cto85°C)
15
10
8
ATF22V10C-15JC
ATF22V10C-15PC
ATF22V10C-15SC
ATF22V10C-15XC
28J
24P3
24S
24X
Commercial
(0
°Cto 70°C)
ATF22V10C-15JI
ATF22V10C-15PI
ATF22V10C-15SI
ATF22V10C-15XI
28J
24P3
24S
24X
Industrial
(-40
°Cto85°C)
15
10
8
ATF22V10CQ-15JC
ATF22V10CQ-15PC
ATF22V10CQ-15SC
ATF22V10CQ-15XC
28J
24P3
24S
24X
Commercial
(0
°Cto 70°C)
ATF22V10CQ-15JI
ATF22V10CQ-15PI
ATF22V10CQ-15SI
ATF22V10CQ-15XI
28J
24P3
24S
24X
Industrial
(-40
°Cto85°C)
Package Type
28J
28-lead, Plastic J-leaded Chip Carrier (PLCC)
24P3
24-pin, 0.300" Wide, Plastic Dual Inline Package (PDIP)
24S
24-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
24X
24-lead, 4.4 mm Wide, Plastic Thin Shrink Small Outline (TSSOP)


Similar Part No. - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com