Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CQ-15JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF22V10CQ-15JC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF22V10CQ-15JC Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 9Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 11Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 12Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 13Page - ATMEL Corporation ATF22V10CQ-15JC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
ATF22V10C(Q)
0735P–PLD–01/02
ATF22V10C/CQ SUPPLY CURRENT VS.
SUPPLY VOLTAGE (TA = 25°C)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
4.50
4.75
5.00
5.25
5.50
SUPPLY VOLTAGE (V)
CQ-15
C-15
C-5, -7, -10
ATF22V10C/CQ SUPPLY CURRENT VS.
INPUT FREQUENCY (V
CC =5V, TA = 25°C)
0.0
40.0
80.0
120.0
0.0
10.0
20.0
50.0
FREQUENCY (MHz)
C-5, 7, 10
C-15
CQ-15
ATF22V10C/CQ OUTPUT SOURCE CURRENT VS.
SUPPLY VOLTAGE (VOH =2.4V)
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
ATF22V10C/CQ OUTPUT SINK CURRENT VS.
SUPPLY VOLTAGE (VOL =0.5V)
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
ATF22V10C/CQ NORMALIZED ICC VS.
TEMPERATURE
0.8
0.9
1.0
1.1
-40.0
0.0
25.0
75.0
TEMPERATURE (°C)
ATF22V10C/CQ OUTPUT SOURCE CURRENT VS.
OUTPUT VOLTAGE (VCC =5V, TA =25°C)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.00.5
1.0
1.5
2.02.5
3.03.5
4.04.5
5.0
VOH (V)
ATF22V10C/CQ OUTPUT SINK CURRENT VS.
SUPPLY VOLTAGE (VOL =0.5V)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
ATF22V10C/CQ INPUT CLAMP CURRENT VS.
INPUT VOLTAGE (VCC =5V, TA =35°C)
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
0.0
-0.2-0.4
-0.6-0.8-1.0
INPUT VOLTAGE (V)


Similar Part No. - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com