Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE203E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE203E3
Description  NTC Thermistors, Radial Leaded, Accuracy Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE203E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE203E3_17 Datasheet HTML 1Page - Vishay Siliconix NTCLE203E3_17 Datasheet HTML 2Page - Vishay Siliconix NTCLE203E3_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCLE203E3
www.vishay.com
Vishay BCcomponents
Revision: 26-Jun-17
2
Document Number: 29048
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
DERATING AND LONG TERM STABILITY
Power derating curve
Note
• Zero power is considered as measuring power max. 1 % of max.
power
LONG TERM STABILITY OF R25 AS A FUNCTION OF TEST DURATION AT MAXIMUM TEMPERATURE (150 °C)
Curves valid for 2.2 k
Ω to 10 kΩ. Curve 1, 2 and 3 as max., average, and min. % drift on R25
LONG TERM STABILITY OF T AS A FUNCTION OF TEST DURATION AT MAXIMUM TEMPERATURE (150 °C)
Curves valid for 2.2 k
Ω to 10 kΩ. Curve 1, 2, and 3 as min., average, and max. temperature deviation
6.0 max.
40
± 1.5
3.6 max.
3
max.
2.54
2 ± 1.0
0.4 ± 0.04
I
II
I
II
0
55
- 40
85
150
Tamb (°C)
100
0
P
(%)
0.4
0.2
0
104
103
102
25
(%)
Test Duration (h)
3
2
1
- 0.2
R
R
25
0.05
0
- 0.05
- 0.1
104
103
102
Test Duration (h)
3
2
1
T
(K)


Similar Part No. - NTCLE203E3_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE203E3...SB0 VISHAY-NTCLE203E3...SB0 Datasheet
118Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
01-Jan-2022
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE203E3103SB0 VISHAY-NTCLE203E3103SB0 Datasheet
108Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grade
Revision: 20-May-11
NTCLE203E3103SB0 VISHAY-NTCLE203E3103SB0 Datasheet
118Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
01-Jan-2022
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 16-Sep-11
More results

Similar Description - NTCLE203E3_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
NTC Thermistors, Accuracy Line
Revision: 10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
NTC Thermistors, Accuracy Line
Revision: 15-Jun-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 16-Sep-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE101E3 VISHAY-NTCLE101E3_V01 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
Revision: 18-Sep-2020
NTCLE203E3 VISHAY-NTCLE203E3_V01 Datasheet
105Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-Sep-2020
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com