Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV1024A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49LV1024A
Description  1-megabit (64K x 16) 3-volt Only Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV1024A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49LV1024A Datasheet HTML 1Page - ATMEL Corporation AT49LV1024A Datasheet HTML 2Page - ATMEL Corporation AT49LV1024A Datasheet HTML 3Page - ATMEL Corporation AT49LV1024A Datasheet HTML 4Page - ATMEL Corporation AT49LV1024A Datasheet HTML 5Page - ATMEL Corporation AT49LV1024A Datasheet HTML 6Page - ATMEL Corporation AT49LV1024A Datasheet HTML 7Page - ATMEL Corporation AT49LV1024A Datasheet HTML 8Page - ATMEL Corporation AT49LV1024A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
AT49BV/LV1024A
3332B–FLASH–12/03
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 001FH; Device Code: 0087H.
5. See details under “Software Product Identification Entry/Exit” on page 11.
Note:
1. In the erase mode, I
CC is 40 mA.
DC and AC Operating Range
AT49LV1024A-45
Operating
Temperature (Case)
Ind.
-40
° C - 85° C
VCC Power Supply
3.0V to 3.6V
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
V
IL
V
IL
V
IH
Ai
D
OUT
Program
(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
VIH
X
(1)
X
X
High-Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
V
IL
X
Output Disable
X
VIH
X
High-Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A15 = V
IL, A9 = VH
(3), A0 = V
IL
Manufacturer Code
(4)
A1 - A15 = VIL, A9 = VH
(3), A0 = V
IH
Device Code
(4)
Software
(5)
A0 = V
IL, A1 - A15 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A15 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10.0
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10.0
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
50.0
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
0.5
mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
20.0
mA
V
IL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
V
OH1
Output High Voltage
I
OH = -400 µA
2.4
V


Similar Part No. - AT49LV1024A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV160 ATMEL-AT49LV160 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV160-90TI ATMEL-AT49LV160-90TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161 ATMEL-AT49LV161 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161-70CI ATMEL-AT49LV161-70CI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161-70TI ATMEL-AT49LV161-70TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49LV1024A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
32-megabit (2M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
32-megabit (2M x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
64-megabit (4M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com