Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV1024A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49LV1024A
Description  1-megabit (64K x 16) 3-volt Only Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV1024A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49LV1024A Datasheet HTML 1Page - ATMEL Corporation AT49LV1024A Datasheet HTML 2Page - ATMEL Corporation AT49LV1024A Datasheet HTML 3Page - ATMEL Corporation AT49LV1024A Datasheet HTML 4Page - ATMEL Corporation AT49LV1024A Datasheet HTML 5Page - ATMEL Corporation AT49LV1024A Datasheet HTML 6Page - ATMEL Corporation AT49LV1024A Datasheet HTML 7Page - ATMEL Corporation AT49LV1024A Datasheet HTML 8Page - ATMEL Corporation AT49LV1024A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
AT49BV/LV1024A
3332B–FLASH–12/03
device while data in the rest of the device is updated. This feature does not have to be
activated; the boot block’s usage as a write-protected region is optional to the user. The
address range of the boot block is 0000H to 1FFFH.
Once the feature is enabled, the data in the boot block can no longer be erased or pro-
grammed. Data in the main memory block can still be changed through the regular
programming method and can be erased using either the Chip Erase or the Main Mem-
ory Block Erase command. To activate the lockout feature, a series of six program
commands to specific addresses with specific data must be performed. Please refer to
the Command Definitions table.
BOOT BLOCK LOCKOUT DETECTION: A software method is available to determine if
programming of the boot block section is locked out. When the device is in the software
product identification mode (see Software Product Identification Entry and Exit sections)
a read from address location 0002H will show if programming the boot block is locked
out. If the data on I/O0 is low, the boot block can be programmed; if the data on I/O0 is
high, the program lockout feature has been activated and the block cannot be pro-
grammed. The software product identification exit code should be used to return to
standard operation.
PRODUCT IDENTIFICATION: The product identification mode identifies the device and
manufacturer as Atmel. It may be accessed by hardware or software operation. The
hardware operation mode can be used by an external programmer to identify the correct
programming algorithm for the Atmel product.
For details, see “Operating Modes” (for hardware operation) or “Software Product Identi-
fication Entry/Exit” on page 11. The manufacturer and device code is the same for both
modes.
DATA POLLING: The AT49BV/LV1024A features Data Polling to indicate the end of a
program or erase cycle. During a program cycle an attempted read of the last byte
loaded will result in the complement of the loaded data on I/O7. Once the program cycle
has been completed, true data is valid on all outputs and the next cycle may begin. Data
Polling may begin at any time during the program cycle.
TOGGLE BIT: In addition to Data Polling, the AT49BV/LV1024A provides another
method for determining the end of a program or erase cycle. During a program or erase
operation, successive attempts to read data from the device will result in I/O6 toggling
between one and zero. Once the program cycle has completed, I/O6 will stop toggling
and valid data will be read. Examining the toggle bit may begin at any time during a pro-
gram cycle.
HARDWARE DATA PROTECTION: Hardware features protect against inadvertent
writes to the AT49BV/LV1024A in the following ways: (a) VCC sense: if VCC is below
1.8V (typical), the program function is inhibited. (b) Program inhibit: holding any one of
OE low, CE high or WE high inhibits program cycles. (c) Noise filter: pulses of less than
15 ns (typical) on the WE or CE inputs will not initiate a program cycle.


Similar Part No. - AT49LV1024A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV160 ATMEL-AT49LV160 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV160-90TI ATMEL-AT49LV160-90TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161 ATMEL-AT49LV161 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161-70CI ATMEL-AT49LV161-70CI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161-70TI ATMEL-AT49LV161-70TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49LV1024A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com