Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV1024A Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49LV1024A
Description  1-megabit (64K x 16) 3-volt Only Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV1024A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49LV1024A Datasheet HTML 5Page - ATMEL Corporation AT49LV1024A Datasheet HTML 6Page - ATMEL Corporation AT49LV1024A Datasheet HTML 7Page - ATMEL Corporation AT49LV1024A Datasheet HTML 8Page - ATMEL Corporation AT49LV1024A Datasheet HTML 9Page - ATMEL Corporation AT49LV1024A Datasheet HTML 10Page - ATMEL Corporation AT49LV1024A Datasheet HTML 11Page - ATMEL Corporation AT49LV1024A Datasheet HTML 12Page - ATMEL Corporation AT49LV1024A Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AT49BV/LV1024A
3332B–FLASH–12/03
Program Cycle Waveforms
Main Memory or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 10H. For a main memory erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Word Programming Time
20
50
µs
t
AS
Address Setup Time
0
ns
tAH
Address Hold Time
35
ns
t
DS
Data Setup Time
35
ns
t
DH
Data Hold Time
0
ns
tWP
Write Pulse Width
35
ns
t
WPH
Write Pulse Width High
35
ns
t
EC
Erase Cycle Time
1.5
3
seconds
A0-A15
OE
AA
80
NOTE 2
55
55
555
555
555
AA
WORD 0
WORD 1
WORD 2
WORD 3
WORD 4
WORD 5
AAA
AAA
t WPH
t WP
CE
WE
A0-A15
DATA
tAS
t AH
t EC
t DH
t DS
555


Similar Part No. - AT49LV1024A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV160 ATMEL-AT49LV160 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV160-90TI ATMEL-AT49LV160-90TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161 ATMEL-AT49LV161 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161-70CI ATMEL-AT49LV161-70CI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49LV161-70TI ATMEL-AT49LV161-70TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49LV1024A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
1-Megabit 64K x 16 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
32-megabit (2M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
32-megabit (2M x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
64-megabit (4M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com