Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7715 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7715
Description  16-Bit, Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7715_17 Datasheet HTML 14Page - Analog Devices AD7715_17 Datasheet HTML 15Page - Analog Devices AD7715_17 Datasheet HTML 16Page - Analog Devices AD7715_17 Datasheet HTML 17Page - Analog Devices AD7715_17 Datasheet HTML 18Page - Analog Devices AD7715_17 Datasheet HTML 19Page - Analog Devices AD7715_17 Datasheet HTML 20Page - Analog Devices AD7715_17 Datasheet HTML 21Page - Analog Devices AD7715_17 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Data Sheet
AD7715
Rev. E | Page 17 of 40
AD7715-3
Table 19 shows the AD7715-3 output rms noise for the selecta-
ble notch and −3 dB frequencies for the part, as selected by FS1
and FS0 of the setup register. The numbers given are for the
bipolar input ranges with a VREF of 1.25 V. These numbers are
typical and are generated at an analog input voltage of 0 V with
the part used in unbuffered mode (BUF bit of the setup register
= 0). Table 20 meanwhile shows the output peak-to-peak noise
for the selectable notch and −3 dB frequencies for the part. It is
important to note that these numbers represent the resolution
for which there is no code flicker. They are not calculated based
on rms noise but on peak-to-peak noise. The numbers given are
for the bipolar input ranges with a VREF of 1.25 V and for the
BUF bit of the setup register = 0. These numbers are typical,
are generated at an analog input voltage of 0 V and are rounded
to the nearest LSB.
Meanwhile, Table 21 and Table 22 show rms noise and peak-
to-peak resolution respectively with the AD7715-3 operating
under the same conditions as above except that now the part is
operating in buffered mode (BUF bit of the setup register = 1).
Table 19. Output RMS Noise vs. Gain and Output Update Rate for AD7715-3 (Unbuffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Output RMS Noise (µV)
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
3.0
1.7
0.7
0.65
60 Hz
25 Hz
15.72 Hz
6.55 Hz
3.4
2.1
0.7
0.7
250 Hz
100 Hz
65.5 Hz
26.2 Hz
45
20
2.2
1.6
500 Hz
200 Hz
131 Hz
52.4 Hz
270
135
9.7
3.3
Table 20. Peak-to-Peak Resolution vs. Gain and Output Update Rate for AD7715-3 (Unbuffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Peak-to-Peak Resolution in Bits
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
16
16
14
12
60 Hz
25 Hz
15.72 Hz
6.55 Hz
16
16
14
12
250 Hz
100 Hz
65.5 Hz
26.2 Hz
13
13
13
11
500 Hz
200 Hz
131 Hz
52.4 Hz
11
11
10
10
Table 21. Output RMS Noise vs. Gain and Output Update Rate for AD7715-3 (Buffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Output RMS Noise (µV)
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
4.5
2.4
0.9
0.9
60 Hz
25 Hz
15.72 Hz
6.55 Hz
5.1
2.9
0.9
1.0
250 Hz
100 Hz
65.5 Hz
26.2 Hz
50
25
2.6
2
500 Hz
200 Hz
131 Hz
52.4 Hz
270
135
9.7
3.3
Table 22. Peak-to-Peak Resolution vs. Gain and Output Update Rate for AD7715-3 (Buffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Peak-to-Peak Resolution in Bits
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
16
16
14
12
60 Hz
25 Hz
15.72 Hz
6.55 Hz
16
16
14
12
250 Hz
100 Hz
65.5 Hz
26.2 Hz
13
13
12
11
500 Hz
200 Hz
131 Hz
52.4 Hz
10
11
10
10


Similar Part No. - AD7715_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
More results

Similar Description - AD7715_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
259Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com