Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7715 Datasheet(PDF) 41 Page - Analog Devices

Part # AD7715
Description  16-Bit, Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7715_17 Datasheet HTML 33Page - Analog Devices AD7715_17 Datasheet HTML 34Page - Analog Devices AD7715_17 Datasheet HTML 35Page - Analog Devices AD7715_17 Datasheet HTML 36Page - Analog Devices AD7715_17 Datasheet HTML 37Page - Analog Devices AD7715_17 Datasheet HTML 38Page - Analog Devices AD7715_17 Datasheet HTML 39Page - Analog Devices AD7715_17 Datasheet HTML 40Page - Analog Devices AD7715_17 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
AD7715
Data Sheet
Rev. E | Page 40 of 40
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 20. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
AVDD Supply
Temperature Range
Package Description
Package Option
AD7715AN-5
5 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715ANZ-5
5 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715AR-5
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715AR-5REEL
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-5
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-5REEL
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARUZ-5
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARUZ-5REEL7
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ACHIPS-5
5 V
−40°C to +85°C
Chips
AD7715ANZ-3
3 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715AR-3
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-3
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-3REEL
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARUZ-3
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARUZ-3REEL7
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ACHIPS-3
3 V
−40°C to +85°C
Chips
1 Z = RoHS Compliant Part.
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08519-0-6/15(E)


Similar Part No. - AD7715_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
More results

Similar Description - AD7715_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com