Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7715 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7715
Description  16-Bit, Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7715_17 Datasheet HTML 25Page - Analog Devices AD7715_17 Datasheet HTML 26Page - Analog Devices AD7715_17 Datasheet HTML 27Page - Analog Devices AD7715_17 Datasheet HTML 28Page - Analog Devices AD7715_17 Datasheet HTML 29Page - Analog Devices AD7715_17 Datasheet HTML 30Page - Analog Devices AD7715_17 Datasheet HTML 31Page - Analog Devices AD7715_17 Datasheet HTML 32Page - Analog Devices AD7715_17 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
AD7715
Data Sheet
Rev. E | Page 28 of 40
POWER SUPPLIES
There is no specific power sequence required for the AD7715;
either the AVDD or the DVDD supply can come up first. While
the latch-up performance of the AD7715 is good, it is important
that power is applied to the AD7715 before signals at REF IN,
AIN, or the logic input pins to avoid excessive currents. If this
is not possible, then the current that flows in any of these pins
should be limited. If separate supplies are used for the AD7715
and the system digital circuitry, then the AD7715 should be
powered up first. If it is not possible to guarantee this, then
current limiting resistors should be placed in series with the
logic inputs to again limit the current.
During normal operation the AD7715 analog supply (AVDD)
should always be greater than or equal to its digital supply (DVDD).
Supply Current
The current consumption on the AD7715 is specified for supplies
in the range 3 V to 3.6 V and in the range 4.75 V to 5.25 V. The
part operates over a 2.85 V to 5.25 V supply range and the IDD
for the part varies as the supply voltage varies over this range.
Figure 7 shows the variation of the typical IDD with VDD voltage
for both a 1 MHz external clock and a 2.4576 MHz external
clock at 25°C. The AD7715 is operated in unbuffered mode.
The relationship shows that the IDD is minimized by operating
the part with lower VDD voltages. IDD on the AD7715 is also
minimized by using an external master clock or by optimizing
external components when using the on-chip oscillator circuit.
SUPPLY VOLTAGE, AVDD AND DVDD (V)
0
2.85
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
3.15
3.45
4.05
4.35
4.65
4.95
5.25
3.75
MCLK IN = 2.4576MHz
MCLK IN = 1MHz
Figure 7. IDD vs. Supply Voltage
Grounding and Layout
Because the analog inputs and reference input are differential,
most of the voltages in the analog modulator are common-
mode voltages. The excellent common-mode rejection of
the part removes common-mode noise on these inputs. The
analog and digital supplies to the AD7715 are independent
and separately pinned out to minimize coupling between the
analog and digital sections of the device. The digital filter
provides rejection of broadband noise on the power supplies,
except at integer multiples of the modulator sampling
frequency. The digital filter also removes noise from the
analog and reference inputs provided those noise sources do not
saturate the analog modulator. As a result, the AD7715 is more
immune to noise interference than a conventional high
resolution converter. However, because the resolution of the
AD7715 is so high and the noise levels from the AD7715 so low,
care must be taken with regard to grounding and layout.
The printed circuit board that houses the AD7715 should be
designed such that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes which can be separated easily. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. Digital and analog ground planes should only be
joined in one place. If the AD7715 is the only device requiring
an AGND to DGND connection, then the ground planes
should be connected at the AGND and DGND pins of the
AD7715. If the AD7715 is in a system where multiple devices
require AGND to DGND connections, the connection should
still be made at one point only, a star ground point which
should be established as close as possible to the AD7715.
Avoid running digital lines under the device as these couples
noise onto the die. The analog ground plane should be allowed
to run under the AD7715 to avoid noise coupling. The power
supply lines to the AD7715 should use as large a trace as
possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching signals like
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board and clock signals should
never be run near the analog inputs. Avoid crossover of digital
and analog signals. Traces on opposite sides of the board should
run at right angles to each other. This reduces the effects of
feedthrough through the board. A microstrip technique is by far
the best but is not always possible with a double-sided board. In
this technique, the component side of the board is dedicated to
ground planes while signals are placed on the solder side.
Good decoupling is important when using high resolution ADCs.
All analog supplies should be decoupled with 10 µF tantalum in
parallel with 0.1 µF capacitors to AGND. To achieve the best
from these decoupling components, they must be placed as close
as possible to the device, ideally right up against the device. All
logic chips should be decoupled with 0.1 µF disc ceramic capacitors
to DGND. In systems where a common supply voltage is used to
drive both the AVDD and DVDD of the AD7715, it is recommended
that the AVDD supply of the system is used. This supply should
have the recommended analog supply decoupling capacitors
between the AVDD pin of the AD7715 and AGND and the
recommended digital supply decoupling capacitor between
the DVDD pin of the AD7715 and DGND.


Similar Part No. - AD7715_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
More results

Similar Description - AD7715_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com