Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN11015 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN11015
Description  Circuit Protector Elements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN11015 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN11015 Datasheet HTML 1Page - Panasonic Semiconductor UN11015 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Circuit Protector Elements
1
Publication date: June 2002
SQB00019AED
UNH0115 (UN11015)
Circuit Protector Elements
For overcurrent protection
■ Features
• Sharp cutoff characteristics and low voltage drop
• Flame retardant package and low heat generation.
• The package is molded with high dimensional accuracy.
■ Absolute Maximum Ratings T
a = 25°C
1: For use
2: N.C.
3: For use
M-B1 Package
Parameter
Symbol
Rating
Unit
Operating ambient temperature
Topr
−55 to +125
°C
Storage temperature
Tstg
−55 to +125
°C
■ Usage Notes
• Package shall be overheated and dangerous for overcurrent.
• This device should be used only to the secondary circuit.
Package will be damaged for added overpower.
• This device is not electrical fuse legally. Please draw a clear line between electrical fuse from this device.
Parameter
Min
Typ
Max
Unit
Rated voltage
50
V
Rated current
1.5
A
Internal resistance
25
33
41
m
Cutoff current
Refer to the diagram
Standard temperature rise
12
°C
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
100
10
1
0.1
Cutoff current (A)
110
100
0.01
0.1
Note) The part number in the parenthesis shows conventional part number.
6.9
±0.1
2.5
±0.1
(1.0)
(1.5)
(0.85)
0.45
±0.05
0.55
±0.1
(5.0)
23
1
R 0.7
(1.5)
R 0.9


Similar Part No. - UN11015

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN11004 PANASONIC-UN11004 Datasheet
38Kb / 2P
   Circuit Protector Elements
UN11008 PANASONIC-UN11008 Datasheet
38Kb / 2P
   Circuit Protector Elements
UN11020 PANASONIC-UN11020 Datasheet
34Kb / 2P
   Circuit Protector Elements
UN11027 PANASONIC-UN11027 Datasheet
35Kb / 2P
   Circuit Protector Elements
More results

Similar Description - UN11015

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNHS200 PANASONIC-UNHS200 Datasheet
72Kb / 3P
   Circuit Protector Elements
UNH1115 PANASONIC-UNH1115 Datasheet
36Kb / 2P
   Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
   Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
   Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
   Circuit Protector Elements
UNH0120 PANASONIC-UNH0120 Datasheet
34Kb / 2P
   Circuit Protector Elements
UNH0110 PANASONIC-UNH0110 Datasheet
34Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com