Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAT-3+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # PAT-3+
Description  Input power 1W max
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PAT-3+ Datasheet(HTML) 1 Page - Mini-Circuits

  PAT-3+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
FIXED ATTENUATORS
Designer's Kit K2-PAT+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
17995
Model
Frequency
Attenuation
VSWR
Input
( GHz )
( dB )
( :1 )
Power1
Max.
( W )
Flatness Max.
DC-1 DC-2.5 DC-fU
DC-1
DC-2.5
DC-fU
fL-fU
Nom.
GHz
GHz
GHz
GHz
GHz
GHz
Max.
PAT-0+
DC - 5
0+0.2
0.2
0.4
0.5
1.2
1.3
1.55
1
PAT-1+
DC - 7
1±0.2
0.3
0.4
0.7
1.2
1.3
1.5
1
PAT-2+
DC - 7
2±0.2
0.3
0.5
0.9
1.2
1.3
1.5
1
PAT-3+
DC - 7
3±0.3
0.3
0.5
0.9
1.2
1.3
1.4
1
PAT-4+
DC - 7
4±0.3
0.3
0.5
0.9
1.2
1.3
1.4
1
PAT-5+
DC - 7
5±0.3
0.3
0.5
1.0
1.2
1.3
1.4
1
PAT-6+
DC - 7
6±0.3
0.3
0.5
1.1
1.2
1.3
1.4
1
PAT-7+
DC - 7
7±0.3
0.4
0.6
1.3
1.3
1.4
1.5
1
PAT-8+
DC - 7
8±0.4
0.4
0.6
1.5
1.3
1.4
1.5
1
PAT-9+
DC - 7
9±0.4
0.4
0.6
1.7
1.3
1.4
1.5
1
PAT-10+
DC - 7
10±0.4
0.4
0.6
1.7
1.3
1.4
1.5
1
PAT-12+
DC - 7
12±0.6
0.5
0.6
1.8
1.3
1.4
1.5
1
PAT-15+
DC - 7
15±0.6
0.5
0.7
2.4
1.3
1.4
1.5
1
PAT-20+
DC - 7
20±1.3
0.5
0.7
2.6
1.4
1.4
1.5
1
PAT-30+
DC - 7
30±1.7
0.4
0.9
2.8
1.4
1.4
1.5
1
$
Kit K2-PAT+ Electrical specifications of each model
ea. kit (15 models, 5 of each,75 total )
1. RF power at 25ºC case temperature: 1W. Derate linearly to 0.1W at 100ºC.
o S
COMPLIANT
All models are
RoHS compliant
DC to 7GHz
PAT+ Features
Wideband, 50
0 to 30dB attenuation
Input power 1W max.
Excellent VSWR
Miniature ceramic case
Aqueous washable
Low cost
REV. OR
M105156
K2-PAT+


Similar Part No. - PAT-3+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAT-3++ MINI-PAT-3+ Datasheet
275Kb / 1P
DC to 7GHz
More results

Similar Description - PAT-3+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-GAT MINI-K3-GAT Datasheet
310Kb / 1P
Input power 0.5W max
logo
Microdc power Technolog...
ID-XH30M-1W MICRODC-ID-XH30M-1W Datasheet
970Kb / 2P
1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
logo
Filtronic Compound Semi...
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
1W POWER PHEMT
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
1W POWER pHEMT
logo
Elite Enterprises (H.K....
PG1C-1LXX ELITE-PG1C-1LXX Datasheet
1Mb / 22P
1W Power LED
logo
MicroPower Direct, LLC
MPL-01SEUP MPD-MPL-01SEUP Datasheet
1Mb / 4P
1W Output Power
logo
Elite Enterprises (H.K....
PM2L-1LXE ELITE-PM2L-1LXE Datasheet
1Mb / 21P
1W Power LED
logo
Filtronic Compound Semi...
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
1W POWER PHEMT
logo
Elite Enterprises (H.K....
PM2B-1LXE ELITE-PM2B-1LXE Datasheet
1Mb / 20P
1W Power LED
PP6N-1LXX ELITE-PP6N-1LXX Datasheet
634Kb / 23P
1W Power LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com