Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310151XX Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 310151XX
Description  screw type terminal block, solderable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

310151XX Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  310151XX Datasheet HTML 1Page - METZ CONNECT GmbH 310151XX Datasheet HTML 2Page - METZ CONNECT GmbH 310151XX Datasheet HTML 3Page - METZ CONNECT GmbH 310151XX Datasheet HTML 4Page - METZ CONNECT GmbH 310151XX Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2/5
Data Sheet
P/N
310151xx
xx=number of poles
2017/05/04
RT056xxHBLU
Technical Data
General Data
Tightening torque SEV
0.5 Nm
Tightening torque UL
8 lb-in
Solder pin length
4.1 mm
min. number of poles
2
max. number of poles
3
Insulating material class
CTI 600
clearance/creepage dist.
3.9 mm
protection category
IP 20
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
160.0 V
400.0 V
400.0 V
Rated test voltage
2.5 kV
2.5 kV
2.5 kV
Connection data
Rated wiring solid wire
0.34 - 2.5 mm² / AWG 28 - 12
Rated wiring stranded wire
0.34 - 2.5 mm² / AWG 28 - 12
Approvals
V / A / AWG
300 / 15 / 22 - 14
1.5 mm²
250 V / 17.5 A / T60
Material
insulating material
PA66
flammability class
V0
contact material
CuZn
Glow-Wire Flammability GWFI
960
Glow-Wire Flammability GWIT
775
contact surface
Ni + Sn
terminal body material
CuZn
terminal body surface
Ni
screw surface
Zn Cr(VI)-frei/free


Similar Part No. - 310151XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3101 ETC2-3101 Datasheet
204Kb / 1P
   NYLON SHOULDER WASHER
3101 ETC2-3101 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
KR Electronics, Inc.
3101 KR-3101 Datasheet
76Kb / 3P
   180 MHz Lowpass Filter
logo
Heyco.
3101 HEYCO-3101 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
Kendall Howard
3101-3-001-22 KENDALLHOWARD-3101-3-001-22 Datasheet
222Kb / 2P
   22U LINIER FS GLASS FRONT/ SOLID REAR
More results

Similar Description - 310151XX

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
   screw type terminal block, solderable
360273 METZ-360273 Datasheet
234Kb / 4P
   screw type terminal block, solderable, double solder pins
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
AST025XX METZ-AST025XX Datasheet
300Kb / 5P
   spring clamp terminal block, solderable
AST135XX METZ-AST135XX Datasheet
345Kb / 5P
   spring clamp terminal block, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com