Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 23Page - Analog Devices AD7707_17 Datasheet HTML 24Page - Analog Devices AD7707_17 Datasheet HTML 25Page - Analog Devices AD7707_17 Datasheet HTML 26Page - Analog Devices AD7707_17 Datasheet HTML 27Page - Analog Devices AD7707_17 Datasheet HTML 28Page - Analog Devices AD7707_17 Datasheet HTML 29Page - Analog Devices AD7707_17 Datasheet HTML 30Page - Analog Devices AD7707_17 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
AD7707
Rev. B | Page 26 of 52
In buffered mode, the analog inputs look into the high impedance
inputs stage of the on-chip buffer amplifier. CSAMP is charged via
this buffer amplifier such that source impedances do not affect
the charging of CSAMP. This buffer amplifier has an offset leakage
current of 1 nA. In buffered mode, large source impedances
result in a small dc offset voltage developed across the source
impedance, but not in a gain error.
INPUT SAMPLE RATE
The modulator sample frequency for the AD7707 remains at
fCLKIN/128 (19.2 kHz at fCLKIN = 2.4576 MHz) regardless of the
selected gain. However, gains greater than 1 are achieved by a
combination of multiple input samples per modulator cycle and
a scaling of the ratio of reference capacitor to input capacitor. As
a result of the multiple sampling, the input sample rate of the
device varies with the selected gain (see Table 27). In buffered
mode, the input impedance is constant. In unbuffered mode,
where the analog input looks directly into the sampling capacitor,
the effective input impedance is 1/CSAMP × fS where CSAMP is the
input sampling capacitance and fS is the input sample rate.
Table 27. Input Sampling Frequency vs. Gain
Gain
Input Sampling Frequency (fS)
1
fCLKIN/64 (38.4 kHz at fCLKIN = 2.4576 MHz)
2
2 × fCLKIN/64 (76.8 kHz at fCLKIN =2.4576 MHz)
4
4 × fCLKIN/64 (76.8 kHz at fCLKIN =2.4576 MHz)
8 to 128
8 × fCLKIN/64 (307.2 kHz at fCLKIN = 2.4576 MHz)
BIPOLAR/UNIPOLAR INPUTS
The analog inputs on the low level input channels on the AD7707
can accept either unipolar or bipolar input voltage ranges with
respect to LOCOM.
The high level input channel handles true bipolar signals of ±10 V
max
for guaranteed operation.
Bipolar or unipolar options are chosen by programming the
B/U bit of the setup register. This programs the channel for
either unipolar or bipolar operation. Programming the channel
for either unipolar or bipolar operation does not change any of
the channel conditions, it simply changes the data output coding
and the points on the transfer function where calibrations occur.
In unipolar operation, the output coding is straight binary. In
bipolar mode, the output coding is offset binary.


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com