Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 22Page - Analog Devices AD7707_17 Datasheet HTML 23Page - Analog Devices AD7707_17 Datasheet HTML 24Page - Analog Devices AD7707_17 Datasheet HTML 25Page - Analog Devices AD7707_17 Datasheet HTML 26Page - Analog Devices AD7707_17 Datasheet HTML 27Page - Analog Devices AD7707_17 Datasheet HTML 28Page - Analog Devices AD7707_17 Datasheet HTML 29Page - Analog Devices AD7707_17 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
AD7707
Rev. B | Page 25 of 52
ANALOG INPUT
ANALOG INPUT RANGES
The AD7707 contains two low level pseudo differential analog
input channels, AIN1 and AIN2. These input pairs provide
programmable-gain, differential input channels that can handle
either unipolar or pseudo bipolar input signals. It should be
noted that the bipolar input signals are referenced to the LOCOM
input. The AD7707 also has a high level analog input channel
AIN3, which is referenced to HICOM. Figure 13 shows the input
structure on the high level input channel.
In normal 5 V operation, VBIAS is normally connected to 2.5 V
and HICOM is connected to AGND. This arrangement ensures
that the voltages seen internally are within the common-mode
range of the buffer in buffered mode and within the supply range in
unbuffered mode. This device can be programmed to operate in
either buffered or unbuffered mode via the BUF bit in the setup
register. Note that the signals on AIN3 are with respect to the
HICOM input and not with respect to AGND or DGND.
The differential voltage seen by the AD7707 when using the
high level input channel is the difference between AIN3(+) and
AIN3(−) on the mux as shown in Figure 13.
AIN3(+) = (AIN3 + 6 × VBIAS + VHICOM)/8
1R
AIN3(+)
AIN3(–)
AIN3
VBIAS
HICOM
3R
6R
MUX
6R
1R = 5kΩ
Figure 13. AIN3 Input Structure
AIN3(−) = VHICOM + 0.75 × (VBIAS − VHICOM)
In unbuffered mode, the common-mode range of the low level
input channels is from AGND − 100 mV to AVDD + 30 mV. This
means that in unbuffered mode, the part can handle both unipolar
and bipolar input ranges for all gains. Absolute voltages of
AGND − 100 mV can be accommodated on the analog inputs
without degradation in performance, but leakage current increases
appreciably with increasing temperature. In buffered mode, the
analog inputs can handle much larger source impedances, but
the absolute input voltage range is restricted to between AGND
+ 50 mV to AVDD − 1.5 V, which also places restrictions on the
common-mode range. This means that in buffered mode, there
are some restrictions on the allowable gains for bipolar input
ranges. Care must be taken in setting up the common-mode
voltage and input voltage range so that these limits are not
exceeded; otherwise, there will be a degradation in linearity
performance.
In unbuffered mode, the analog inputs look directly into the 7 pF
input sampling capacitor, CSAMP. The dc input leakage current in
this unbuffered mode is 1 nA maximum. As a result, the analog
inputs see a dynamic load that is switched at the input sample
rate (see Figure 14). This sample rate depends on master clock
frequency and selected gain. CSAMP is charged to AIN(+) and
discharged to AIN(−) every input sample cycle. The effective
resistance of the switch, RSW, is typically 7 kΩ.
CSAMP must be charged through RSW and any additional source
impedances every input sample cycle. Therefore, in unbuffered
mode, source impedances mean a longer charge time for CSAMP
and this may result in gain errors on the part. Table 26 shows
the allowable external resistance/capacitance values, for unbuffered
mode, such that no gain error to the 16-bit level is introduced
on the part. Note that these capacitances are total capacitances
on the analog input. This external capacitance includes 10 pF
from the pins and lead frame of the device.
AIN(+)
AIN(–)
FIRST
INTEGRATOR
HIGH INPUT
IMPEDANCE
>1G
RSW (7kΩ TYP)
SWITCHING FREQUENCY DEPENDS ON
fCLKIN AND SELECTED GAIN
CSAMP
(7pF)
VDD/2
Figure 14. Unbuffered Analog Input Structure
Table 26. External R, C Combination for No 16-Bit Gain
Error on Low Level Input Channels (Unbuffered Mode Only)
External Capacitance (pF)
Gain
0
50
100
500
1000
5000
1
368 kΩ
90.6 kΩ
54.2 kΩ
14.6 kΩ
8.2 kΩ
2.2 kΩ
2
177.2 kΩ
44.2 kΩ
26.4 kΩ
7.2 kΩ
4 kΩ
1.12 kΩ
4
82.8 kΩ
21.2 kΩ
12.6 kΩ
3.4 kΩ
1.94 kΩ
540 Ω
8 to 128
35.2 kΩ
9.6 kΩ
5.8 kΩ
1.58 Ω
880 Ω
240 Ω
EXTERNAL CAPACITANCE (pF)
0
10000
10
100
1000
0
50
100
150
200
250
300
350
400
GAIN = 1
GAIN = 4
GAIN = 8 TO 128
GAIN = 2
Figure 15. External R, C Combination for No 16-Bit Gain Error on Low Level
Input Channels (Unbuffered Mode Only)


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com