Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 21Page - Analog Devices AD7707_17 Datasheet HTML 22Page - Analog Devices AD7707_17 Datasheet HTML 23Page - Analog Devices AD7707_17 Datasheet HTML 24Page - Analog Devices AD7707_17 Datasheet HTML 25Page - Analog Devices AD7707_17 Datasheet HTML 26Page - Analog Devices AD7707_17 Datasheet HTML 27Page - Analog Devices AD7707_17 Datasheet HTML 28Page - Analog Devices AD7707_17 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
AD7707
Rev. B | Page 24 of 52
CIRCUIT DESCRIPTION
The AD7707 is a Σ-Δ ADC with on-chip digital filtering, intended
for the measurement of wide dynamic range, low frequency
signals such as those in industrial control or process control
applications. It contains a Σ-Δ (or charge balancing) ADC, a
calibration microcontroller with on-chip static RAM, a clock
oscillator, a digital filter, and a bidirectional serial communica-
tions port. The part consumes only 320 μA of power supply
current, making it ideal for battery-powered or loop-powered
instruments. On-chip thin-film resistors allow ±10 V, ±5 V, 0 V
to 10 V, and 0 V to 5 V high level input signals to be directly
accommodated on the analog input without requiring split
supplies, dc-to-dc converters, or charge pumps. This part operates
with a supply voltage of 2.7 V to 3.3 V, or 4.75 V to 5.25 V.
The AD7707 contains two low level (AIN1 and AIN2) pro-
grammable-gain pseudo differential analog input channels and
one high level (AIN3) single-ended input channel. For the low
level input channels, the selectable gains are 1, 2, 4, 8, 16, 32, 64,
and 128, allowing the part to accept unipolar signals of between
0 mV to 20 mV and 0 V to 2.5 V, or bipolar signals in the range
from ±20 mV to ±2.5 V when the reference input voltage equals
2.5 V. With a reference voltage of 1.225 V, the input ranges are
from 0 mV to 10 mV to 0 V to 1.225 V in unipolar mode, and
from ±10 mV to ±1.225 V in bipolar mode. Note that the signals
are with respect to the LOCOM input.
The high level input channel can directly accept input signals
of ±10 V with respect to HICOM when operating with 5 V
supplies and a reference of 2.5 V. With 3 V supplies, ±5 V can
be accommodated on the AIN3 input.
The input signal to the analog input is continuously sampled at
a rate determined by the frequency of the master clock, MCLK
IN, and the selected gain. A charge-balancing ADC (Σ-Δ
modulator) converts the sampled signal into a digital pulse
train whose duty cycle contains the digital information. The
programmable gain function on the analog input is also
incorporated in this Σ-Δ modulator with the input sampling
frequency being modified to give the higher gains. A sinc3
digital low-pass filter processes the output of the Σ-Δ modulator
and updates the output register at a rate determined by the first
notch frequency of this filter. The output data can be read from
the serial port randomly or periodically at any rate up to the
output register update rate. The first notch of this digital filter
(and therefore its −3 dB frequency) can be programmed via the
clock register bits, FS0 to FS2. With a master clock frequency
of 2.4576 MHz, the programmable range for this first notch
frequency is from 10 Hz to 500 Hz, giving a programmable range
for the −3 dB frequency of 2.62 Hz to 131 Hz. With a master clock
frequency of 1 MHz, the programmable range for this first notch
frequency is from 4 Hz to 200 Hz, giving a programmable range for
the −3 dB frequency of 1.06 Hz to 52.4 Hz.
The basic connection diagram for the AD7707 is shown in
Figure 12. An AD780 or REF192 precision 2.5 V reference
provides the reference source for the part. On the digital side,
the part is configured for 3-wire operation with CS tied to
DGND. A quartz crystal or ceramic resonator provides the master
clock source for the part. In most cases, it is necessary to
connect capacitors on the crystal or resonator to ensure that it
does not oscillate at overtones of its fundamental operating
frequency. The values of capacitors can vary, depending on the
manufacturer’s specifications. A similar circuit is applicable for
operation with 3 V supplies; in this case, a 1.225 V reference
(AD1580) should be used for specified performance.
AVDD
DVDD
ANALOG
5V SUPPLY
10µF
AIN1
AIN2
LOCOM
AIN3
VBIAS
HICOM
LOW LEVEL
ANALOG
INPUT
HIGH LEVEL
ANALOG
INPUT
AGND
DGND
REF IN(+)
REF IN(–)
10µF
VIN
ANALOG 5V
SUPPLY
AD780/
REF192
VOUT
GND
AD7707
DRDY
DATA READY
DOUT
RECEIVE (READ)
DIN
SERIAL DATA
SCLK
SERIAL CLOCK
RESET
5V
CS
MCLK IN
MCLK OUT
CRYSTAL OR
CERAMIC
RESONATOR
0.1µF
0.1µF
0.1µF
Figure 12. Basic Connection Diagram for 5 V Operation


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com