Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 20Page - Analog Devices AD7707_17 Datasheet HTML 21Page - Analog Devices AD7707_17 Datasheet HTML 22Page - Analog Devices AD7707_17 Datasheet HTML 23Page - Analog Devices AD7707_17 Datasheet HTML 24Page - Analog Devices AD7707_17 Datasheet HTML 25Page - Analog Devices AD7707_17 Datasheet HTML 26Page - Analog Devices AD7707_17 Datasheet HTML 27Page - Analog Devices AD7707_17 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
AD7707
Rev. B | Page 23 of 52
CALIBRATION SEQUENCES
The AD7707 contains a number of calibration options as
previously outlined. Table 25 summarizes the calibration types,
the operations involved, and the duration of the operations.
There are two methods of determining the end of calibration.
The first is to monitor when DRDY returns low at the end of
the sequence. DRDY not only indicates when the sequence is
complete, but also that the part has a valid new sample in its
data register. This valid new sample is the result of a normal
conversion, which follows the calibration sequence. The second
method of determining when calibration is complete is to
monitor the MD1 and MD0 bits of the setup register. When
these bits return to 0 (0 following a calibration command), it
indicates that the calibration sequence is complete. This method
does not give any indication of there being a valid new result in
the data register. However, it gives an earlier indication than
DRDY that calibration is complete. The duration to when the
Mode Bits (MD1 and MD0) return to 00 represents the
duration of the calibration carried out). The sequence to when
DRDY goes low also includes a normal conversion and a
pipeline delay, tP, to correctly scale the results of this first
conversion. tP will never exceed 2000 × tCLKIN. The time for both
methods is given in the
.
Table 25
Table 25. Calibration Sequences
Calibration Type
MD1, MD0
Calibration Sequence
Duration to Mode Bits
Duration to DRDY
Self-Calibration
0, 1
Internal ZS calibration at selected gain +
6 × 1/output rate
9 × 1/output rate + tP
Internal FS calibration at selected gain
ZS System Calibration
1, 0
ZS calibration on AIN at selected gain
3 × 1/output rate
4 × 1/output rate + tP
FS System Calibration
1, 1
FS calibration on AIN at selected gain
3 × 1/output rate
4 × 1/output rate + tP


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com