Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 49 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 45Page - Analog Devices AD7707_17 Datasheet HTML 46Page - Analog Devices AD7707_17 Datasheet HTML 47Page - Analog Devices AD7707_17 Datasheet HTML 48Page - Analog Devices AD7707_17 Datasheet HTML 49Page - Analog Devices AD7707_17 Datasheet HTML 50Page - Analog Devices AD7707_17 Datasheet HTML 51Page - Analog Devices AD7707_17 Datasheet HTML 52Page - Analog Devices AD7707_17 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AD7707
Rev. B | Page 48 of 52
3 V OPERATION
Table 33 shows the AD7707 output rms noise and peak-to-peak
resolution for the selectable notch and −3 dB frequencies for the
part, as selected by FS0, FS1, and FS2 of the clock register. The
numbers are given for all input ranges with a VREF of 1.25 V, HBIAS
= 1.25 V, HICOM = AGND, and AVDD = 3 V. These numbers
are typical and are generated at an analog input voltage of 0 V
for unbuffered mode of operation. Table 34 meanwhile shows
the output rms noise and peak-to-peak resolution for buffered
mode of operation with the same operating conditions as for
Table 33. It is important to note that these numbers represent
the resolution for which there is no code flicker. They are not
calculated based on rms noise but on peak-to-peak noise. The
output noise comes from two sources. The first is the electrical
noise in the semiconductor devices (device noise) used in the
implementation of the modulator. Secondly, when the analog
input is converted into the digital domain, quantization noise is
added. The device noise is at a low level and is independent of
frequency. The quantization noise starts at an even lower level but
rises rapidly with increasing frequency to become the dominant
noise source. The numbers in Table 33 and Table 34 are given
for the bipolar input ranges. For the unipolar ranges, the rms
noise numbers are the same as the bipolar range but the peak-
to-peak resolution is now based on half the signal range, which
effectively means losing 1 bit of resolution.
Table 33. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V Unbuffered Mode
Filter First
Notch and
Output Data
Rate
−3 dB
Frequency
Typical Output RMS Noise in μV (Peak-to-Peak Resolution)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
12.4 (16)
7.02 (16)
3.87 (16)
2.41 (16)
2.39 (16)
2.3 (15.5)
2.29 (14.5)
2.13 (13.5)
50 Hz
13.1 Hz
30.35 (16)
16.4 (16)
9.4 (16)
5.85 (16)
5.2 (15)
4.5 (14.5)
4.5 (13.5)
5.09 (12)
60 Hz
15.72 Hz
34.55 (16)
19.13 (16)
10.9 (16)
6 (16)
5.8 (15)
5.62 (14)
5.2 (13)
6.14 (12)
250 Hz
65.5 Hz
498 (13)
204 (13)
105 (13)
57.5 (13)
27.5 (13)
17.4 (12.5)
12.7 (12)
11.42 (11)
500 Hz
131 Hz
2266 (10.5)
1151 (10.5)
554 (10.5)
280 (10.5)
136 (10.5)
83 (10)
39 (10)
27.5 (9.5)
Table 34. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V Buffered Mode
Filter First
Notch and
Output Data
Rate
−3 dB
Frequency
Typical Output RMS Noise in μV (Peak-to-Peak Resolution)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
14.84 (16)
8.39 (16)
5.56 (16)
3.45 (16)
3.3 (16)
3.2 (15)
3.2 (14)
3.3 (13)
50 Hz
13.1 Hz
36.1 (16)
18.8 (16)
11.5 (16)
7.5 (15.5)
7.4 (14.5)
7.43 (13.5)
6.8 (12.5)
7 (12)
60 Hz
15.72 Hz
38.8 (16)
21.55 (16)
13.39 (16)
8.5 (15.5)
8.36 (14.5)
8 (13.5)
8.2 (12.5)
7.7 (12)
250 Hz
65.5 Hz
420 (13)
194 (13)
97.6 (13)
54.5 (12.5)
30 (12.5)
22 (12)
18 (11.5)
16.7 (10.5)
500 Hz
131 Hz
2234 (10.5)
1231 (10.5)
534 (10.5)
275 (10.5)
145 (10.5)
71 (10.5)
48 (10)
31 (9.5)


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com