Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 27Page - Analog Devices AD7707_17 Datasheet HTML 28Page - Analog Devices AD7707_17 Datasheet HTML 29Page - Analog Devices AD7707_17 Datasheet HTML 30Page - Analog Devices AD7707_17 Datasheet HTML 31Page - Analog Devices AD7707_17 Datasheet HTML 32Page - Analog Devices AD7707_17 Datasheet HTML 33Page - Analog Devices AD7707_17 Datasheet HTML 34Page - Analog Devices AD7707_17 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
AD7707
Rev. B | Page 30 of 52
CALIBRATION
The AD7707 provides a number of calibration options that
can be programmed via the MD1 and MD0 bits of the setup
register. The different calibration options are outlined in the
Setup Register (RS2, RS1, RS0 = 0, 0, 1); Power-On/Reset Status:
0x01 section and the Calibration Sequences section. A calibration
cycle can be initiated at any time by writing to these bits of the
setup register. Calibration on the AD7707 removes offset and
gain errors from the device. A calibration routine should be
initiated on the device whenever there is a change in the ambient
operating temperature or supply voltage. It should also be
initiated if there is a change in the selected gain, filter notch, or
bipolar/unipolar input range.
The AD7707 offers self-calibration and system calibration facili-
ties. For full calibration to occur on the selected channel, the
on-chip microcontroller must record the modulator output for
two different input conditions. These are zero-scale and full-scale
points. These points are derived by performing a conversion on
the different input voltages provided to the input of the modula-
tor during calibration. As a result, the accuracy of the calibration
can only be as good as the noise level that it provides in normal
mode. The result of the zero-scale calibration conversion is
stored in the zero-scale calibration register whereas the result of
the full-scale calibration conversion is stored in the full-scale
calibration register. With these readings, the microcontroller
can calculate the offset and the gain slope for the input-to-
output transfer function of the converter.
SELF-CALIBRATION
A self-calibration is initiated on the AD7707 by writing the
appropriate values (0, 1) to the MD1 and MD0 bits of the setup
register. In the self-calibration mode with a unipolar input
range, the zero-scale point used in determining the calibration
coefficients is with the inputs of the differential pair internally
shorted on the part (that is, AIN1 = LOCOM = internal bias
voltage in the case of the AD7707. The PGA is set for the
selected gain (as per the G2, G1, and G0 bits in the setup
register) for this zero-scale calibration conversion. The full-
scale calibration conversion is performed at the selected gain on
an internally-generated voltage of VREF/selected gain.
The duration time for the calibration is 6 × 1/output rate. This
is made up of 3 × 1/output rate for the zero-scale calibration
and 3 × 1/output rate for the full-scale calibration. At this time,
the MD1 and MD0 bits in the setup register return to 0, 0. This
gives the earliest indication that the calibration sequence is
complete. The DRDY line goes high when calibration is initiated
and does not return low until there is a valid new word in the
data register. The duration time from the calibration command
being issued to DRDY going low is 9 × 1/output rate. This is
made up of 3 × 1/output rate for the zero-scale calibration, 3 ×
1/output rate for the full-scale calibration, 3 × 1/output rate for
a conversion on the analog input, and some overhead to
correctly set up the coefficients. If DRDY is low before (or goes
low during) the calibration command write to the setup register,
it may take up to one modulator cycle (MCLK IN/ 128) before
DRDY goes high to indicate that calibration is in progress.
Therefore, DRDY should be ignored for up to one modulator
cycle after the last bit is written to the setup register in the
calibration command.
For bipolar input ranges in the self-calibrating mode, the
sequence is very similar to that just outlined. In this case, the
two points are exactly the same as in the previous case but
because the part is configured for bipolar operation, the shorted
inputs point is actually midscale of the transfer function.
Errors due to resistor mismatch in the attenuator on the high
level input channel AIN3 are not removed by a self-calibration.
SYSTEM CALIBRATION
System calibration allows the AD7707 to compensate for system
gain and offset errors as well as its own internal errors. System
calibration performs the same slope factor calculations as self-
calibration, but uses voltage values presented by the system to
the AIN inputs for the zero-scale and full-scale points. Full
system calibration requires a two-step process, a ZS system
calibration followed by an FS system calibration.
For a full system calibration, the zero-scale point must be presented
to the converter first. It must be applied to the converter before
the calibration step is initiated, and remain stable until the step
is complete. Once the system zero-scale voltage has been set up,
a ZS system calibration is then initiated by writing the appropriate
values (1, 0) to the MD1 and MD0 bits of the setup register. The
zero-scale system calibration is performed at the selected gain.
The duration of the calibration is 3 × 1/output rate. At this time,
the MD1 and MD0 bits in the setup register return to 0, 0. This
gives the earliest indication that the calibration sequence is
complete. The DRDY line goes high when calibration is initiated
and does not return low until there is a valid new word in the
data register. The duration time from the calibration command
being issued to DRDY going low is 4 × 1/output rate as the part
performs a normal conversion on the analog input voltage
before DRDY goes low. If DRDY is low before (or goes low during)
the calibration command write to the etup egister, it may take
up to one modulator cycle (MCLK IN/128) before DRDY goes
high to indicate that calibration is in progress. Therefore, DRDY
should be ignored for up to one modulator cycle after the last
bit is written to the setup register in the calibration command.
After the zero-scale point is calibrated, the full-scale point is
applied to the analog input and the second step of the
calibration process is initiated by again writing the appropriate
values (1, 1) to MD1 and MD0. Again, the full-scale voltage
must be set up before the calibration is initiated and it must
remain stable throughout the calibration step. The full-scale
system calibration is performed at the selected gain. The duration
of the calibration is 3 × 1/output rate. At this time, the MD1 and


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com