Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 24Page - Analog Devices AD7707_17 Datasheet HTML 25Page - Analog Devices AD7707_17 Datasheet HTML 26Page - Analog Devices AD7707_17 Datasheet HTML 27Page - Analog Devices AD7707_17 Datasheet HTML 28Page - Analog Devices AD7707_17 Datasheet HTML 29Page - Analog Devices AD7707_17 Datasheet HTML 30Page - Analog Devices AD7707_17 Datasheet HTML 31Page - Analog Devices AD7707_17 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
AD7707
Rev. B | Page 27 of 52
REFERENCE INPUT
The AD7707 reference inputs, REF IN(+) and REF IN(−),
provide a differential reference input capability. The common-
mode range for these differential inputs is from GND to AVDD.
The nominal reference voltage, VREF REF IN(+) − REF IN(−),
for specified operation is +2.5 V for the AD7707 operated with
an AVDD of 5 V and 1.225 V for the AD7707 operated with an
AVDD of 3 V. The part is functional with VREF voltages down to
1 V, but with degraded performance because the LSB size is
smaller. REF IN(+) must always be greater than REF IN(−) for
correct operation of the AD7707.
Both reference inputs provide a high impedance, dynamic load
similar to the analog inputs in unbuffered mode. The maximum
dc input leakage current is ±1 nA over temperature, and source
resistance may result in gain errors on the part. In this case, the
sampling switch resistance is 5 kΩ typical and the reference
capacitor (CREF) varies with gain. The sample rate on the
reference inputs is fCLKIN/64 and does not vary with gain. For
gains of 1 and 2, CREF is 8 pF; for a gain of 16, it is 5.5 pF; for a
gain of 32, it is 4.25 pF; for a gain of 64, it is 3.625 pF; and for a
gain of 128, it is 3.3125 pF.
The output noise performance outlined in Table 7 through
Table 13 is for an analog input of 0 V, which effectively removes
the effect of noise from the reference. To obtain the same noise
performance as shown in the noise tables over the full input
range requires a low noise reference source for the AD7707. If
the reference noise in the bandwidth of interest is excessive, it
degrades the performance of the AD7707. In bridge transducer
applications where the reference voltage for the ADC is derived
from the excitation voltage, the effect of the noise in the excitation
voltage is removed because the application is ratiometric. Rec-
ommended reference voltage sources for the AD7707 with an
AVDD of 5 V include the AD780, REF43, and REF192, and the
recommended reference sources for the AD7707 operated with
an AVDD of 3 V include the AD589 and AD1580. It is generally
recommended to decouple the output of these references to
further reduce the noise level.


Similar Part No. - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com